Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP62S16128B-T Datasheet (PDF) - AMIC Technology

LP62S16128B-T Datasheet PDF - AMIC Technology
Part # LP62S16128B-T
Download  LP62S16128B-T Download
File Size   160.05 Kbytes
Page   14 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 128K X 16 BIT LOW VOLTAGE CMOS SRAM

LP62S16128B-T Datasheet (PDF)

Go To PDF Page Download Datasheet
LP62S16128B-T Datasheet PDF - AMIC Technology

Part # LP62S16128B-T
Download  LP62S16128B-T Click to download

File Size   160.05 Kbytes
Page   14 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 128K X 16 BIT LOW VOLTAGE CMOS SRAM

LP62S16128B-T Datasheet (HTML) - AMIC Technology


LP62S16128B-T Product details

General Description
The LP62S16128B-T is a low operating current 2,097,152-bit static random access memory organized as 131,072 words by 16 bits and operates on low power voltage from 2.7V to 3.6V. It is built using AMICs high performance CMOS process.
Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures.
The chip enable input is provided for POWER-DOWN, device enable. Two byte enable inputs and an output enable input are included for easy interfacing.
Data retention is guaranteed at a power supply voltage as low as 2V.

Features
■ Operating voltage: 2.7V to 3.6V
■ Access times: 55/70 ns (max.)
■ Current:
    Very low power version: Operating: 55ns 40mA (max.)
                                                             70ns 35mA (max.)
                                            Standby: 10mA (max.)
■ Full static operation, no clock or refreshing required
■ All inputs and outputs are directly TTL-compatible
■ Common I/O using three-state output
■ Data retention voltage: 2V (min.)
■ Available in 44-pin TSOP and 48-ball CSP (6 x 8 mm) packages




Similar Part No. - LP62S16128B-T

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S16128B-T AMICC-LP62S16128B-T_15 Datasheet
197Kb / 14P
128K X 16 BIT LOW VOLTAGE CMOS SRAM
More results


Similar Description - LP62S16128B-T

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S7316 AMICC-A62S7316 Datasheet
144Kb / 15P
128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62P16128C-T AMICC-LP62P16128C-T Datasheet
163Kb / 15P
128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128-T AMICC-LP62S16128-T Datasheet
158Kb / 14P
128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128C-I AMICC-LP62S16128C-I Datasheet
166Kb / 15P
128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-I AMICC-LP62E16128A-I Datasheet
210Kb / 15P
128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-T AMICC-LP62E16128A-T Datasheet
210Kb / 15P
128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-I AMICC-LP62E16128A-I_15 Datasheet
179Kb / 15P
128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62E16128A-T AMICC-LP62E16128A-T_15 Datasheet
216Kb / 15P
128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128B-M AMICC-LP62S16128B-M Datasheet
159Kb / 14P
128K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S16128B-T AMICC-LP62S16128B-T_15 Datasheet
197Kb / 14P
128K X 16 BIT LOW VOLTAGE CMOS SRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com