Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP62S2048A-I Datasheet (PDF) - AMIC Technology

LP62S2048A-I Datasheet PDF - AMIC Technology
Part # LP62S2048A-I
Download  LP62S2048A-I Download
File Size   190.83 Kbytes
Page   17 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 256K X 8 BIT LOW VOLTAGE CMOS SRAM

LP62S2048A-I Datasheet (PDF)

Go To PDF Page Download Datasheet
LP62S2048A-I Datasheet PDF - AMIC Technology

Part # LP62S2048A-I
Download  LP62S2048A-I Click to download

File Size   190.83 Kbytes
Page   17 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 256K X 8 BIT LOW VOLTAGE CMOS SRAM

LP62S2048A-I Datasheet (HTML) - AMIC Technology


LP62S2048A-I Product details

General Description
The LP62S2048A-I is a low operating current 2,097,152-bit static random access memory organized as 262,144 words by 8 bits and operates on a low power supply range: 2.7V to 3.3V. It is built using AMICs high performance CMOS process.
Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures.
Two chip enable inputs are provided for POWER-DOWN and device enable and an output enable input is included for easy interfacing.
Data retention is guaranteed at a power supply voltage as low as 2V.

Features
■ Power supply range: 2.7V to 3.3V
■ Access times: 55/70 ns (max.)
■ Current:
    Very low power version: Operating: 55ns: 25mA (max.)
                                                             70ns: 20mA (max.)
                                           Standby: 10mA (max.)
■ Full static operation, no clock or refreshing required
■ All inputs and outputs are directly TTL-compatible
■ Common I/O using three-state output
■ Output enable and two chip enable inputs for easy application
■ Data retention voltage: 2V (min.)
■ Available in 32-pin SOP, TSOP, TSSOP (8X13.4mm) and 36-pin CSP packages




Similar Part No. - LP62S2048A-I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S2048A-I AMICC-LP62S2048A-I_15 Datasheet
202Kb / 18P
256K X 8 BIT LOW VOLTAGE CMOS SRAM
More results


Similar Description - LP62S2048A-I

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S8308 AMICC-A62S8308 Datasheet
278Kb / 17P
256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048-T AMICC-LP62S2048-T Datasheet
190Kb / 17P
256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T Datasheet
190Kb / 17P
256K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2005 BSI-BS62LV2005 Datasheet
279Kb / 10P
Very Low Power/Voltage CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006 Datasheet
321Kb / 9P
Very Low Power/Voltage CMOS SRAM 256K X 8 bit
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
256K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
LP62S2048A-I AMICC-LP62S2048A-I_15 Datasheet
202Kb / 18P
256K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S2048A-T AMICC-LP62S2048A-T_15 Datasheet
250Kb / 18P
256K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Lyontek Inc.
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
256K X 8 BIT LOW POWER CMOS SRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com