Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6605 Datasheet (PDF) - API Technologies Corp

6605 Datasheet PDF - API Technologies Corp
Part # 6605
Download  6605 Download
File Size   190.9 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description DC TO 18, 26.5 GHz, COAXIAL

6605 Datasheet (PDF)

Go To PDF Page Download Datasheet
6605 Datasheet PDF - API Technologies Corp

Part # 6605
Download  6605 Click to download

File Size   190.9 Kbytes
Page   3 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description DC TO 18, 26.5 GHz, COAXIAL

6605 Datasheet (HTML) - API Technologies Corp




Similar Part No. - 6605

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
6605 FILTRONIC-6605 Datasheet
130Kb / 3P
PHASE SHIFTER DC TO 18, 26.5 GHZ, COAXIAL
logo
List of Unclassifed Man...
66050 ETC2-66050 Datasheet
40Kb / 2P
STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
66051 ETC2-66051 Datasheet
40Kb / 2P
STATFREE MATERIAL, DISSIPATIVE, RUBBER, 2-LAYER, 0.060 (1.5mm)
logo
Tyco Electronics
6605424-1 MACOM-6605424-1 Datasheet
424Kb / 8P
Modular Jacks and MRJ21 Product
6605432-2 MACOM-6605432-2 Datasheet
424Kb / 8P
Modular Jacks and MRJ21 Product
More results


Similar Description - 6605

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
BLK-18 MINI-BLK-18 Datasheet
43Kb / 1P
Coaxial DC Block 0.01 to 18 GHz
CBL-SERIES MINI-CBL-SERIES Datasheet
236Kb / 3P
Coaxial-Flex Test Cables 50??DC to 18 GHz
logo
Filtronic Compound Semi...
6605 FILTRONIC-6605 Datasheet
130Kb / 3P
PHASE SHIFTER DC TO 18, 26.5 GHZ, COAXIAL
logo
Micronetics, Inc.
RFN25K MICRONETICS-RFN25K Datasheet
497Kb / 2P
Fullband Microwave Noise Sources 18 GHz to 26.5 GHz
logo
Pasternack Enterprises,...
PE9878 PASTERNACK-PE9878 Datasheet
233Kb / 2P
WR-42 to 2.92mm Female Waveguide to Coax Adapter 18 GHz to 26.5 GHz
logo
API Technologies Corp
6805 APITECH-6805 Datasheet
121Kb / 3P
DC TO 18, 26.5 GHz, COAXIAL
6709 APITECH-6709 Datasheet
73Kb / 2P
DC TO 1 GHz, COAXIAL
6705K APITECH-6705K Datasheet
191Kb / 3P
DC TO 18, 26.5 GHz, COAXIAL
6705 APITECH-6705 Datasheet
191Kb / 3P
DC TO 18, 26.5 GHz, COAXIAL
logo
CRYSTEK CORPORATION
CCK26.5-MM-190-30 CRYSTEKMICROWAVE-CCK26.5-MM-190-30 Datasheet
1Mb / 3P
26.5 GHz Low Loss Coaxial Cables
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com