Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP62S4096E-T Datasheet (PDF) - AMIC Technology

LP62S4096E-T Datasheet PDF - AMIC Technology
Part # LP62S4096E-T
Download  LP62S4096E-T Download
File Size   162.16 Kbytes
Page   14 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 512K X 8 BIT LOW VOLTAGE CMOS SRAM

LP62S4096E-T Datasheet (PDF)

Go To PDF Page Download Datasheet
LP62S4096E-T Datasheet PDF - AMIC Technology

Part # LP62S4096E-T
Download  LP62S4096E-T Click to download

File Size   162.16 Kbytes
Page   14 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 512K X 8 BIT LOW VOLTAGE CMOS SRAM

LP62S4096E-T Datasheet (HTML) - AMIC Technology


LP62S4096E-T Product details

General Description
The LP62S4096E-T is a low operating current 4,194,304-bit static random access memory organized as 524,288 words by 8 bits and operates on a low power supply range: 2.7V to 3.3V. It is built using AMICs high performance CMOS process.

Features
■ Power supply range: 2.7V to 3.6V
■ Access times: 55ns / 70ns (max.)
■ Current:
    Very low power version: Operating: 30mA (max.) Standby: 10μA (max.)
■ Full static operation, no clock or refreshing required
■ All inputs and outputs are directly TTL-compatible
■ Common I/O using three-state output
■ Data retention voltage: 2V (min.)
■ Available in 32-pin TSSOP 36-ball CSP package




Similar Part No. - LP62S4096E-T

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
LP62S4096E-T AMICC-LP62S4096E-T_15 Datasheet
163Kb / 12P
512K X 8 BIT LOW VOLTAGE CMOS SRAM
More results


Similar Description - LP62S4096E-T

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S9308 AMICC-A62S9308 Datasheet
276Kb / 17P
512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-I AMICC-LP62S4096E-I Datasheet
162Kb / 14P
512K X 8 BIT LOW VOLTAGE CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV4001 BSI-BS62LV4001 Datasheet
341Kb / 11P
Low Power/Voltage CMOS SRAM 512K X 8 bit
BS62LV4005 BSI-BS62LV4005 Datasheet
328Kb / 11P
Low Power/Voltage CMOS SRAM 512K X 8 bit
logo
Hynix Semiconductor
HY62V8400 HYNIX-HY62V8400 Datasheet
369Kb / 12P
512K X 8-bit CMOS SRAM
logo
Lyontek Inc.
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
512K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
LP62S4096E-I AMICC-LP62S4096E-I_15 Datasheet
171Kb / 13P
512K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S4096E-T AMICC-LP62S4096E-T_15 Datasheet
163Kb / 12P
512K X 8 BIT LOW VOLTAGE CMOS SRAM
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com