Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC7046A Datasheet (PDF) - NXP Semiconductors

74HC7046A Datasheet PDF - NXP Semiconductors
Part # 74HC7046A
Download  74HC7046A Download
File Size   453.07 Kbytes
Page   38 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Phase-locked-loop with lock detector

74HC7046A Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC7046A Datasheet PDF - NXP Semiconductors

Part # 74HC7046A
Download  74HC7046A Click to download

File Size   453.07 Kbytes
Page   38 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Phase-locked-loop with lock detector

74HC7046A Datasheet (HTML) - NXP Semiconductors


74HC7046A Product details

GENERAL DESCRIPTION

The 74HC/HCT7046 are high-speed Si-gate CMOS devices and are specified in compliance with JEDEC standard no. 7.



FEATURES

• Low power consumption

• Centre frequency up to 17 MHz (typ.) at VCC= 4.5 V

• Choice of two phase comparators: EXCLUSIVE-OR; edge-triggered JK flip-flop;

• Excellent VCO frequency linearity

• VCO-inhibit control for ON/OFF keying and for low standby power consumption

• Minimal frequency drift

• Operation power supply voltage range:

  VCO section 3.0 to 6.0 V

  digital section 2.0 to 6.0 V

• Zero voltage offset due to op-amp buffering

• Output capability: standard

• ICC category: MSI




Similar Part No. - 74HC7046A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC7046A PHILIPS-74HC7046A Datasheet
490Kb / 38P
Phase-locked-loop with lock detector
December 1990
More results


Similar Description - 74HC7046A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4046A PHILIPS-74HC4046A Datasheet
467Kb / 34P
Phase-locked-loop with VCO
1997 Nov 25
74HC7046A PHILIPS-74HC7046A Datasheet
490Kb / 38P
Phase-locked-loop with lock detector
December 1990
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
Phase-locked loop
January 1995
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A Datasheet
302Kb / 26P
Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
Phase-Locked Loop with VCO and Lock Detector
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
PHASE LOCKED LOOP
PSA0210A ZCOMM-PSA0210A Datasheet
77Kb / 2P
PHASE LOCKED LOOP
logo
Unisonic Technologies
U74HCT7046 UTC-U74HCT7046 Datasheet
408Kb / 16P
PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HCT7046 UTC-U74HCT7046_15 Datasheet
408Kb / 16P
PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com