Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT1345 Datasheet (PDF) - ON Semiconductor

SFT1345 Datasheet PDF - ON Semiconductor
Part # SFT1345
Download  SFT1345 Download
File Size   387.07 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 100V, 11A, 275m, P-Channel Single TP/TP-FA

SFT1345 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFT1345 Datasheet PDF - ON Semiconductor

Part # SFT1345
Download  SFT1345 Click to download

File Size   387.07 Kbytes
Page   9 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET 100V, 11A, 275m, P-Channel Single TP/TP-FA

SFT1345 Datasheet (HTML) - ON Semiconductor


SFT1345 Product details

Power MOSFET
–100V, –11A, 275mΩ, P-Channel Single TP/TP-FA
   
Features
• ON-resistance RDS(on)1=210mΩ(typ.)
• Input Capacitance Ciss=1020pF(typ.)
• 4V drive
• Halogen free compliance
• Protection diode in
   




Similar Part No. - SFT1345

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SFT1345 SANYO-SFT1345 Datasheet
363Kb / 4P
General-Purpose Switching Device Applications
logo
ON Semiconductor
SFT1345 ONSEMI-SFT1345 Datasheet
412Kb / 6P
Power MOSFET
February 2016 - Rev. 1
logo
BYCHIP ELECTRONICS CO.,...
SFT1345 BYCHIP-SFT1345 Datasheet
873Kb / 4P
P-channel Enhancement Mode Power MOSFET
v1.0
logo
ON Semiconductor
SFT1345-H ONSEMI-SFT1345-H Datasheet
412Kb / 6P
Power MOSFET
February 2016 - Rev. 1
SFT1345-TL-H ONSEMI-SFT1345-TL-H Datasheet
412Kb / 6P
Power MOSFET
February 2016 - Rev. 1
More results


Similar Description - SFT1345

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SFT1443 ONSEMI-SFT1443 Datasheet
418Kb / 9P
N-Channel Power MOSFET 100V, 9A, 225m, Single TP/TP-FA
July, 2013
SFT1342-TL-E ONSEMI-SFT1342-TL-E Datasheet
411Kb / 9P
P-Channel Power MOSFET ??0V, ??2A, 62m, Single TP/TP-FA
July, 2013
SFT1431-TL-E ONSEMI-SFT1431-TL-E Datasheet
409Kb / 9P
N-Channel Power MOSFET 35V, 11A, 25m, Single TP/TP-FA
July, 2013
SFT1445-TL-H ONSEMI-SFT1445-TL-H Datasheet
420Kb / 9P
N-Channel Power MOSFET 100V, 17A, 111m, Single TP/TP-FA
July, 2013
SFT1450-TL-H ONSEMI-SFT1450-TL-H Datasheet
412Kb / 9P
N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1350-TL-H ONSEMI-SFT1350-TL-H Datasheet
417Kb / 9P
P-Channel Power MOSFET 40V, 19A, 59m, Single TP/TP-FA
July, 2013
SFT1450-H ONSEMI-SFT1450-H Datasheet
412Kb / 9P
N-Channel Power MOSFET 40V, 21A, 28m, Single TP/TP-FA
July, 2013
SFT1446-TL-H ONSEMI-SFT1446-TL-H Datasheet
424Kb / 10P
N-Channel Power MOSFET 60V, 20A, 51m, Single TP/TP-FA
July, 2013
SFT1423-TL-E ONSEMI-SFT1423-TL-E Datasheet
409Kb / 9P
N-Channel Power MOSFET 500V, 2A, 4.9, Single TP/TP-FA
July, 2013
2SA2205 ONSEMI-2SA2205 Datasheet
365Kb / 9P
Bipolar Transistor -100V, -2A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com