Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT4280 Datasheet (PDF) - Advanced Analogic Technologies

AAT4280 Datasheet PDF - Advanced Analogic Technologies
Part # AAT4280
Download  AAT4280 Download
File Size   423.29 Kbytes
Page   14 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description Slew Rate Controlled Load Switch

AAT4280 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT4280 Datasheet PDF - Advanced Analogic Technologies

Part # AAT4280
Download  AAT4280 Click to download

File Size   423.29 Kbytes
Page   14 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description Slew Rate Controlled Load Switch

AAT4280 Datasheet (HTML) - Advanced Analogic Technologies


AAT4280 Product details

General Description
The AAT4280A SmartSwitch is a member of AnalogicTech’s Application Specific Power MOSFET™ (ASPM™) product family. The AAT4280A is a P-channel MOSFET power switch designed for high-side load switching applications. The device has a typical RDS(ON) of 80mΩ, allowing increased load switch power handling capacity. The device is available in three different versions with flexible turn-on and turn-off characteristics — from very fast to slew rate limited.

Features
• 1.5V to 5.5V Input Voltage Range
• Very Low RDS(ON), Typically 80mΩ (5V)
• Slew Rate Limited Turn-On Time Options
    ▪ 4.5ms
    ▪ 1ms
    ▪ 0.5μs
    ▪ 100μs
• Fast Shutdown Load Discharge Option
• Low Quiescent Current
    ▪ 25nA (typ)
• TTL/CMOS Input Logic Level
• Temperature Range: -40ºC to +85°C
• 3kV ESD Rating
• SC70JW-8 and SOT23-6 Packages

Applications
• Cellular Telephones
• Digital Still Cameras
• Hot Swap Supplies
• LCD Panels
• Notebook Computers
• Personal Communication Devices
• Personal Digital Assistants (PDAs)




Similar Part No. - AAT4280

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4280 ANALOGICTECH-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4280 SKYWORKS-AAT4280 Datasheet
1Mb / 14P
Slew Rate Controlled Load Switch
July 31, 2012
logo
Advanced Analogic Techn...
AAT4280-1 ANALOGICTECH-AAT4280-1 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4280-1 SKYWORKS-AAT4280-1 Datasheet
1Mb / 14P
Slew Rate Controlled Load Switch
July 31, 2012
More results


Similar Description - AAT4280

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4280A ANALOGICTECH-AAT4280A Datasheet
183Kb / 14P
Slew Rate Controlled Load Switch
logo
Advanced Analog Technol...
AAT4250 AAT-AAT4250 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
2006.03.1.3
AAT4280 AAT-AAT4280 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
2006.11.1.4
logo
Advanced Analogic Techn...
AAT4280A_0511 ANALOGICTECH-AAT4280A_0511 Datasheet
201Kb / 14P
Slew Rate Controlled Load Switch
AAT4250 ANALOGICTECH-AAT4250_06 Datasheet
189Kb / 13P
Slew Rate Controlled Load Switch
AAT4280 ANALOGICTECH-AAT4280_06 Datasheet
385Kb / 14P
Slew Rate Controlled Load Switch
AAT4280A ANALOGICTECH-AAT4280A_08 Datasheet
549Kb / 16P
Slew Rate Controlled Load Switch
AAT4282A ANALOGICTECH-AAT4282A_08 Datasheet
607Kb / 13P
Slew Rate Controlled Load Switch
logo
Skyworks Solutions Inc.
AAT4282B SKYWORKS-AAT4282B Datasheet
1Mb / 13P
Slew Rate Controlled Load Switch
logo
Global Mixed-mode Techn...
G5287 GMT-G5287 Datasheet
51Kb / 1P
Slew Rate Controlled Load Switch
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com