Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC164D Datasheet (PDF) - NXP Semiconductors

74HC164D Datasheet PDF - NXP Semiconductors
Part # 74HC164D
Download  74HC164D Download
File Size   146.94 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit serial-in, parallel-out shift register

74HC164D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC164D Datasheet PDF - NXP Semiconductors

Part # 74HC164D
Download  74HC164D Click to download

File Size   146.94 Kbytes
Page   20 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-bit serial-in, parallel-out shift register

74HC164D Datasheet (HTML) - NXP Semiconductors


74HC164D Product details

General description
The 74HC164; 74HCT164 is an 8-bit serial-in/parallel-out shift register. The device features two serial data inputs (DSA and DSB), eight parallel data outputs (Q0 to Q7). Data is entered serially through DSA or DSB and either input can be used as an active HIGH enable for data entry through the other input. Data is shifted on the LOW-to-HIGH transitions of the clock (CP) input. A LOW on the master reset input (MR) clears the register and forces all outputs LOW, independently of other inputs. Inputs include clamp diodes. This enables the use of current limiting resistors to interface inputs to voltages in excess of VCC.

Features and benefits
■ Input levels:
    ◆ For 74HC164: CMOS level
    ◆ For 74HCT164: TTL level
■ Gated serial data inputs
■ Asynchronous master reset
■ Complies with JEDEC standard no. 7A
■ ESD protection:
    ◆ HBM JESD22-A114F exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V.
■ Multiple package options
■ Specified from -40 °C to +85 °C and -40 °C to +125 °C.




Similar Part No. - 74HC164D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC164D PHILIPS-74HC164D Datasheet
131Kb / 24P
8-bit serial-in, parallel-out shift register
Rev. 03-4 April 2005
74HC164D NXP-74HC164D Datasheet
453Kb / 20P
8-bit serial-in, parallel-out shift register
Rev. 04-2 February 2010
logo
Nexperia B.V. All right...
74HC164D NEXPERIA-74HC164D Datasheet
286Kb / 17P
8-bit serial-in, parallel-out shift register
logo
Toshiba Semiconductor
74HC164D TOSHIBA-74HC164D Datasheet
213Kb / 11P
CMOS Digital Integrated Circuits Silicon Monolithic
2016-07-07 Rev.3.0
logo
Nexperia B.V. All right...
74HC164D-Q100 NEXPERIA-74HC164D-Q100 Datasheet
725Kb / 18P
8-bit serial-in, parallel-out shift register
More results


Similar Description - 74HC164D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
Parallel-in/Serial-out 8-Bit Shift Register
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com