Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4051D Datasheet (PDF) - NXP Semiconductors

74HC4051D Datasheet PDF - NXP Semiconductors
Part # 74HC4051D
Download  74HC4051D Download
File Size   222.38 Kbytes
Page   31 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-channel analog multiplexer/demultiplexer

74HC4051D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4051D Datasheet PDF - NXP Semiconductors

Part # 74HC4051D
Download  74HC4051D Click to download

File Size   222.38 Kbytes
Page   31 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 8-channel analog multiplexer/demultiplexer

74HC4051D Datasheet (HTML) - NXP Semiconductors


74HC4051D Product details

General description
The 74HC4051; 74HCT4051 is a high-speed Si-gate CMOS device and is pin compatible with Low-power Schottky TTL (LSTTL). The device is specified in compliance with JEDEC standard no. 7A.

Features and benefits
■ Wide analog input voltage range from -5 V to +5 V
■ Low ON resistance:
    ◆ 80 Ω (typical) at VCC - VEE = 4.5 V
    ◆ 70 Ω (typical) at VCC - VEE = 6.0 V
    ◆ 60 Ω (typical) at VCC - VEE = 9.0 V
■ Logic level translation: to enable 5 V logic to communicate with 5 V analog signals
■ Typical ‘break before make’ built-in
■ ESD protection:
    ◆ HBM JESD22-A114F exceeds 2000 V
    ◆ MM JESD22-A115-A exceeds 200 V
    ◆ CDM JESD22-C101E exceeds 1000 V
■ Multiple package options
■ Specified from -40 °C to +85 °C and -40 °C to +125 °C

Applications
■ Analog multiplexing and demultiplexing
■ Digital multiplexing and demultiplexing
■ Signal gating




Similar Part No. - 74HC4051D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4051D PHILIPS-74HC4051D Datasheet
126Kb / 16P
8-channel analog multiplexer/demultiplexer
December 1990
74HC4051D NXP-74HC4051D Datasheet
220Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 6-13 December 2011
74HC4051D PHILIPS-74HC4051D Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Toshiba Semiconductor
74HC4051D TOSHIBA-74HC4051D Datasheet
282Kb / 15P
CMOS Digital Integrated Circuits Silicon Monolithic
2020-12-03 Rev.5.0
logo
Nexperia B.V. All right...
74HC4051D NEXPERIA-74HC4051D Datasheet
399Kb / 28P
8-channel analog multiplexer/demultiplexer
Rev. 11 - 5 December 2022
More results


Similar Description - 74HC4051D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4051A-Q1 TI-SN74LV4051A-Q1 Datasheet
325Kb / 14P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MZ4051FK TOSHIBA-TC7MZ4051FK_07 Datasheet
236Kb / 11P
8-Channel Analog Multiplexer/Demultiplexer
logo
Renesas Technology Corp
HD74LV4051A RENESAS-HD74LV4051A Datasheet
125Kb / 12P
8-channel Analog Multiplexer / Demultiplexer
logo
Texas Instruments
SN74LV4051A-EP TI1-SN74LV4051A-EP Datasheet
490Kb / 13P
 8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74HC4051D-T NXP-74HC4051D-T Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
HEF4051BT PHILIPS-HEF4051BT Datasheet
174Kb / 23P
8-channel analog multiplexer/demultiplexer
Rev. 10-17 November 2011
74HCT4051PW-118 PHILIPS-74HCT4051PW-118 Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
74HC_HCT4051 PHILIPS-74HC_HCT4051_15 Datasheet
222Kb / 31P
8-channel analog multiplexer/demultiplexer
Rev. 7-19 July 2012
logo
Unisonic Technologies
U74HC4051 UTC-U74HC4051_18 Datasheet
256Kb / 9P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
U74LVX4051 UTC-U74LVX4051_16 Datasheet
229Kb / 10P
8-CHANNEL ANALOG MULTIPLEXER/DEMULTIPLEXER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com