Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G17GS Datasheet (PDF) - NXP Semiconductors

74LVC1G17GS Datasheet PDF - NXP Semiconductors
Part # 74LVC1G17GS
Download  74LVC1G17GS Download
File Size   367.27 Kbytes
Page   21 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single Schmitt trigger buffer

74LVC1G17GS Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVC1G17GS Datasheet PDF - NXP Semiconductors

Part # 74LVC1G17GS
Download  74LVC1G17GS Click to download

File Size   367.27 Kbytes
Page   21 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Single Schmitt trigger buffer

74LVC1G17GS Datasheet (HTML) - NXP Semiconductors


74LVC1G17GS Product details

General description
The 74LVC1G17 provides a buffer function with Schmitt trigger input. It is capable of transforming slowly changing input signals into sharply defined outputs.
The input can be driven from either 3.3 V or 5 V devices. This feature allows the use of this device in a mixed 3.3 V and 5 V environment.
This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry disables the output, preventing the damaging backflow current through the device when it is powered down.

Features and benefits
■ Wide supply voltage range from 1.65 V to 5.5 V
■ High noise immunity
■ Complies with JEDEC standard
   ◆ JESD8-7 (1.65 V to 1.95 V)
   ◆ JESD8-5 (2.3 V to 2.7 V)
   ◆ JESD8B/JESD36 (2.7 V to 3.6 V)
■ ESD protection:
   ◆ HBM JESD22-A114F exceeds 2000 V
   ◆ MM JESD22-A115-A exceeds 200 V
■ ±24 mA output drive (VCC = 3.0 V)
■ CMOS low power consumption
■ Latch-up performance exceeds 250 mA
■ Direct interface with TTL levels
■ Unlimited rise and fall times
■ Inputs accept voltages up to 5 V
■ Multiple package options
■ Specified from −40 °C to +85 °C and from −40 °C to +125 °C




Similar Part No. - 74LVC1G17GS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVC1G17GS NEXPERIA-74LVC1G17GS Datasheet
284Kb / 19P
Single Schmitt trigger buffer
Rev. 14 - 14 January 2022
74LVC1G17GS NEXPERIA-74LVC1G17GS Datasheet
314Kb / 20P
Single Schmitt trigger buffer
Rev. 16.1 - 3 September 2024
More results


Similar Description - 74LVC1G17GS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUC1G17 TI-SN74AUC1G17 Datasheet
320Kb / 13P
SINGLE SCHMITT TRIGGER BUFFER
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17 Datasheet
104Kb / 5P
SINGLE SCHMITT-TRIGGER BUFFER
logo
Texas Instruments
SN74LVC1G17-Q1 TI-SN74LVC1G17-Q1 Datasheet
259Kb / 9P
SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_07 Datasheet
762Kb / 19P
SINGLE SCHMITT-TRIGGER BUFFER
SN74LVC1G17 TI-SN74LVC1G17_10 Datasheet
832Kb / 19P
SINGLE SCHMITT-TRIGGER BUFFER
logo
Diodes Incorporated
74LVC1G17 DIODES-74LVC1G17 Datasheet
273Kb / 14P
SINGLE SCHMITT-TRIGGER BUFFER
DS35124 Rev. 1 - 2
74LVC1G17_1107 DIODES-74LVC1G17_1107 Datasheet
266Kb / 13P
SINGLE SCHMITT-TRIGGER BUFFER
Rev 3
74AUP1G17 DIODES-74AUP1G17 Datasheet
190Kb / 11P
SINGLE SCHMITT-TRIGGER BUFFER
Rev 1
logo
NXP Semiconductors
74LVC1G17 NXP-74LVC1G17_12 Datasheet
367Kb / 21P
Single Schmitt trigger buffer
Rev. 10-29 June 2012
logo
Unisonic Technologies
U74LVC1G17 UTC-U74LVC1G17_V01 Datasheet
180Kb / 5P
SINGLE SCHMITT-TRIGGER BUFFER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com