Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PA1774QMB Datasheet (PDF) - NXP Semiconductors

2PA1774QMB Datasheet PDF - NXP Semiconductors
Part # 2PA1774QMB
Download  2PA1774QMB Download
File Size   332.44 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 40 V, 100 mA PNP general-purpose transistors

2PA1774QMB Datasheet (PDF)

Go To PDF Page Download Datasheet
2PA1774QMB Datasheet PDF - NXP Semiconductors

Part # 2PA1774QMB
Download  2PA1774QMB Click to download

File Size   332.44 Kbytes
Page   12 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 40 V, 100 mA PNP general-purpose transistors

2PA1774QMB Datasheet (HTML) - NXP Semiconductors




Similar Part No. - 2PA1774QMB

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
2PA1774QMB NEXPERIA-2PA1774QMB Datasheet
988Kb / 12P
40 V, 100 mA PNP general-purpose transistors
Rev. 1 - 23 March 2012
More results


Similar Description - 2PA1774QMB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
2PB709ASL NXP-2PB709ASL Datasheet
56Kb / 9P
45 V, 100 mA PNP general-purpose transistors
Rev. 01-12 November 2008
BC857XMB PHILIPS-BC857XMB_15 Datasheet
389Kb / 14P
45 V, 100 mA PNP general-purpose transistors
Rev. 1-21 February 2012
logo
Nexperia B.V. All right...
BC857XMB NEXPERIA-BC857XMB Datasheet
1Mb / 14P
45 V, 100 mA PNP general-purpose transistors
logo
ON Semiconductor
NST856MTWFT ONSEMI-NST856MTWFT Datasheet
262Kb / 7P
General Purpose Transistors PNP, 65 V, 100 mA
February, 2023 - Rev. 1
logo
Nexperia B.V. All right...
2PA1774XMB_SER NEXPERIA-2PA1774XMB_SER Datasheet
988Kb / 12P
40 V, 100 mA PNP general-purpose transistors
Rev. 1 - 23 March 2012
2PB709ARL NEXPERIA-2PB709ARL Datasheet
614Kb / 9P
45 V, 100 mA PNP general-purpose transistors
Rev. 01 - 12 November 2008
BC857XMB_SER NEXPERIA-BC857XMB_SER Datasheet
1Mb / 14P
45 V, 100 mA PNP general-purpose transistors
Rev. 1 - 21 February 2012
BC857XQA_SER NEXPERIA-BC857XQA_SER Datasheet
1Mb / 15P
45 V, 100 mA PNP general-purpose transistors
Rev. 1 - 26 August 2015
BC856W-Q NEXPERIA-BC856W-Q Datasheet
229Kb / 13P
65 V, 100 mA PNP general-purpose transistors
Rev. 1 - 24 June 2021
PMBS3906 NEXPERIA-PMBS3906 Datasheet
189Kb / 10P
40 V, 100 mA PNP general-purpose transistor
5 June 2018
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com