Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV21 Datasheet (PDF) - NXP Semiconductors

BAV21 Datasheet PDF - NXP Semiconductors
Part # BAV21
Download  BAV21 Download
File Size   220.4 Kbytes
Page   10 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description General purpose diodes

BAV21 Datasheet (PDF)

Go To PDF Page Download Datasheet
BAV21 Datasheet PDF - NXP Semiconductors

Part # BAV21
Download  BAV21 Click to download

File Size   220.4 Kbytes
Page   10 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description General purpose diodes

BAV21 Datasheet (HTML) - NXP Semiconductors


BAV21 Product details

DESCRIPTION
The BAV20 and BAV21 are switching diodes fabricated in planar technology, and encapsulated in hermetically sealed leaded glass SOD27 (DO-35) packages.

FEATURES
• Hermetically sealed leaded glass
   SOD27 (DO-35) package
• Switching speed: max. 50 ns
• General application
• Continuous reverse voltage:
   max. 150 V, 200 V
• Repetitive peak reverse voltage:
   max. 200 V, 250 V
• Repetitive peak forward current:
   max. 625 mA.

APPLICATIONS
• General purposes in industrial
   equipment e.g. oscilloscopes,
   digital voltmeters and video output
   stages in colour television.




Similar Part No. - BAV21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV21 PHILIPS-BAV21 Datasheet
54Kb / 12P
General purpose diodes
1999 May 25
logo
Vishay Siliconix
BAV21 VISHAY-BAV21 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV21 FAIRCHILD-BAV21 Datasheet
36Kb / 1P
General Purpose Diodes
BAV21 FAIRCHILD-BAV21 Datasheet
148Kb / 8P
High Voltage General Purpose Diode
logo
Diodes Incorporated
BAV21 DIODES-BAV21 Datasheet
62Kb / 2P
FAST SWITCHING DIODE
DS22006 Rev. H-2
More results


Similar Description - BAV21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV100 PHILIPS-BAV100 Datasheet
34Kb / 8P
General purpose diodes
1996 Sep 17
logo
Fairchild Semiconductor
BA128 FAIRCHILD-BA128 Datasheet
34Kb / 1P
General Purpose Diodes
logo
Microsemi Corporation
1N3595-1 MICROSEMI-1N3595-1 Datasheet
43Kb / 2P
GENERAL PURPOSE DIODES
logo
New Jersey Semi-Conduct...
1S131 NJSEMI-1S131 Datasheet
351Kb / 1P
GENERAL PURPOSE DIODES
1S134 NJSEMI-1S134 Datasheet
351Kb / 1P
General Purpose Diodes
1S922 NJSEMI-1S922 Datasheet
351Kb / 1P
General Purpose Diodes
1S923 NJSEMI-1S923 Datasheet
351Kb / 1P
General Purpose Diodes
2SC568 NJSEMI-2SC568 Datasheet
127Kb / 1P
General Purpose Diodes
logo
NXP Semiconductors
BAS19 NXP-BAS19_13 Datasheet
134Kb / 10P
General purpose diodes
2003 Mar 20
BAS19_20_21 PHILIPS-BAS19_20_21_15 Datasheet
134Kb / 10P
General purpose diodes
2003 Mar 20
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com