Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAT24C256 Datasheet (PDF) - ON Semiconductor

CAT24C256 Datasheet PDF - ON Semiconductor
Part # CAT24C256
Download  CAT24C256 Download
File Size   205.51 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 256 kb I2C CMOS Serial EEPROM

CAT24C256 Datasheet (PDF)

Go To PDF Page Download Datasheet
CAT24C256 Datasheet PDF - ON Semiconductor

Part # CAT24C256
Download  CAT24C256 Click to download

File Size   205.51 Kbytes
Page   18 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 256 kb I2C CMOS Serial EEPROM

CAT24C256 Datasheet (HTML) - ON Semiconductor


CAT24C256 Product details

Description
The CAT24C256 is a 256 kb Serial CMOS EEPROM, internally organized as 32,768 words of 8 bits each.
It features a 64−byte page write buffer and supports the Standard (100 kHz), Fast (400 kHz) and Fast−Plus (1 MHz) I2C protocol.
Write operations can be inhibited by taking the WP pin High (this protects the entire memory).
External address pins make it possible to address up to eight CAT24C256 devices on the same bus.
On−Chip ECC (Error Correction Code) makes the device suitable for high reliability applications.*

Features
• Supports Standard, Fast and Fast−Plus I2C Protocol
• 1.8 V to 5.5 V Supply Voltage Range
• 64−Byte Page Write Buffer
• Hardware Write Protection for Entire Memory
• Schmitt Triggers and Noise Suppression Filters on I2C Bus Inputs
   (SCL and SDA)
• Low Power CMOS Technology
• 1,000,000 Program/Erase Cycles
• 100 Year Data Retention
• Industrial and Extended Temperature Range
• PDIP, SOIC, TSSOP, MSOP 8−Lead and
   TDFN, UDFN 8−Pad Packages
• This Device is Pb−Free, Halogen Free/BFR Free, and RoHS
   Compliant




Similar Part No. - CAT24C256

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C256 CATALYST-CAT24C256 Datasheet
547Kb / 14P
256-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C256 ONSEMI-CAT24C256 Datasheet
187Kb / 14P
256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
CAT24C256 ONSEMI-CAT24C256 Datasheet
193Kb / 18P
256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256 ONSEMI-CAT24C256 Datasheet
205Kb / 18P
256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAT24C256 ONSEMI-CAT24C256 Datasheet
375Kb / 20P
EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
More results


Similar Description - CAT24C256

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT24C256 CATALYST-CAT24C256 Datasheet
547Kb / 14P
256-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24C256 ONSEMI-CAT24C256 Datasheet
187Kb / 14P
256 kb I2C CMOS Serial EEPROM
November, 2009 ??Rev. 9
CAT24C256WI-G ONSEMI-CAT24C256WI-G Datasheet
193Kb / 18P
256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256HU4IGT3 ONSEMI-CAT24C256HU4IGT3 Datasheet
193Kb / 18P
256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAV24C256WE-GT3 ONSEMI-CAV24C256WE-GT3 Datasheet
157Kb / 11P
256-Kb I2C CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256LI ONSEMI-CAT24C256LI Datasheet
193Kb / 18P
256 kb I2C CMOS Serial EEPROM
October, 2012 ??Rev. 13
CAT24C256XI ONSEMI-CAT24C256XI Datasheet
205Kb / 18P
256 kb I2C CMOS Serial EEPROM
January, 2014 ??Rev. 14
CAV24C256 ONSEMI-CAV24C256 Datasheet
157Kb / 11P
256-Kb CMOS Serial EEPROM
November, 2012 ??Rev. 0
CAT24C256 ONSEMI-CAT24C256_18 Datasheet
375Kb / 20P
EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 15
CAV24C256 ONSEMI-CAV24C256_18 Datasheet
265Kb / 14P
EEPROM Serial 256-Kb I2C
May, 2018 ??Rev. 1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com