Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM25512C Datasheet (PDF) - Aplus Intergrated Circuits

ASM25512C Datasheet PDF - Aplus Intergrated Circuits
Part # ASM25512C
Download  ASM25512C Download
File Size   617.46 Kbytes
Page   7 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR

ASM25512C Datasheet (PDF)

Go To PDF Page Download Datasheet
ASM25512C Datasheet PDF - Aplus Intergrated Circuits

Part # ASM25512C
Download  ASM25512C Click to download

File Size   617.46 Kbytes
Page   7 Pages
Manufacturer  APLUS [Aplus Intergrated Circuits]
Direct Link  http://www.aplusinc.com.tw
Logo APLUS - Aplus Intergrated Circuits
Description VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR

ASM25512C Datasheet (HTML) - Aplus Intergrated Circuits


ASM25512C Product details

General Description
The ASM25512C is very low cost voice synthesizer with 4-bit microprocessor. It has various features including 4-bit ALU, ROM, RAM, I/O ports, timers, clock generator, watchdog timer(WDT), voice synthesizer, etc. It consists of 22 instructions in the device. With CMOS technology and halt function can minimize power dissipation. Its architecture is similar to RISC, with two stages of instruction pipeline. It allows all instructions to be executed in a single cycle, except for program branches and data table read instructions (which need two instruction cycles).

Feature
◆ Single power supply can operate from 2.4V through 5.5V
◆ Internal Program ROM: 4K x 10-bit
◆ 1 sets of 20-bit DPR can access up to 768K x 10 bits data memory space
◆ Data Registers:
    • 96 x 4-bit data RAM (00-1Fh plus 40h-7Fh)
    • Unbanked special function registers (SFR) range: 20h-3Fh
◆ I/O Ports:
    • PRA: 4-bit I/O Port A (2Bh)
    • PRB: 4-bit Output Port B (2Dh)
    • PRC: 4-bit Input Port C (2Fh)
◆ On-chip clock generator: Resistive Clock Drive(RM)
◆ Timer: 1
    • Timer0: a 9-bit auto-reload timer/counter
◆ Stack: 2-level subroutine nesting
◆ HALT and Release from HALT function to reduce power consumption
◆ Watch Dog Timer (WDT)
◆ Instruction: 1-cycle instruction except for table read and program branches which are 2-cycles
◆ Number of instruction: 22
◆ The Voice function can be implemented by microprocessor instruction
    • One 8-bit COUT output for ASM25512C




Similar Part No. - ASM25512C

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
ASM2506C APLUS-ASM2506C Datasheet
431Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
logo
I.L.M.E. S.p.A.
ASM25I ILME-ASM25I Datasheet
216Kb / 1P
ILME Multipole Connectors
ASM25P ILME-ASM25P Datasheet
216Kb / 1P
ILME Multipole Connectors
More results


Similar Description - ASM25512C

ManufacturerPart #DatasheetDescription
logo
Aplus Intergrated Circu...
API4000-6 APLUS-API4000-6 Datasheet
249Kb / 6P
very low cost voice synthesizer with 4-bit microprocessor
ASM0406CB APLUS-ASM0406CB Datasheet
677Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM0906CB APLUS-ASM0906CB Datasheet
563Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM12712C-1 APLUS-ASM12712C-1 Datasheet
462Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM2006C APLUS-ASM2006C Datasheet
419Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM3106C-1 APLUS-ASM3106C-1 Datasheet
647Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C-1 APLUS-ASM7306C-1 Datasheet
428Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM7306C APLUS-ASM7306C Datasheet
613Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM8406C APLUS-ASM8406C Datasheet
451Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
ASM8412CA APLUS-ASM8412CA Datasheet
319Kb / 7P
VERY LOW-COST VOICE SYNTHESIZER WITH 4-BIT MICROPROCESSOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com