Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MUR3020WT Datasheet (PDF) - Motorola, Inc

MUR3020WT Datasheet PDF - Motorola, Inc
Part # MUR3020WT
Download  MUR3020WT Download
File Size   103.97 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS

MUR3020WT Datasheet (PDF)

Go To PDF Page Download Datasheet
MUR3020WT Datasheet PDF - Motorola, Inc

Part # MUR3020WT
Download  MUR3020WT Click to download

File Size   103.97 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS

MUR3020WT Datasheet (HTML) - Motorola, Inc


MUR3020WT Product details

ULTRAFAST RECTIFIERS 30 AMPERES 200–400–600 VOLTS



. . . designed for use in switching power supplies, inverters and as free wheeling diodes, these state–of–the–art devices have the following features:



• Ultrafast 35 and 60 Nanosecond Recovery Time

• 175°C Operating Junction Temperature

• Popular TO–247 Package

• High Voltage Capability to 600 Volts

• Low Forward Drop

• Low Leakage Specified @ 150°C Case Temperature

• Current Derating Specified @ Both Case and Ambient Temperatures

• Epoxy Meets UL94, VO@ 1/8″

• High Temperature Glass Passivated Junction




Similar Part No. - MUR3020WT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR3020WT MCC-MUR3020WT Datasheet
103Kb / 3P
30 Amp Super Fast Recovery Rectifier 200 to 600 Volts
logo
ON Semiconductor
MUR3020WT ONSEMI-MUR3020WT Datasheet
66Kb / 6P
SWITCHMODE Power Rectifiers
January, 2006 ??Rev. 4
logo
International Rectifier
MUR3020WT IRF-MUR3020WT Datasheet
167Kb / 7P
Ultrafast Rectifier (trr = 35ns , IF(AV) = 30Amp , VR = 200V)
logo
Vishay Siliconix
MUR3020WT VISHAY-MUR3020WT Datasheet
108Kb / 7P
Ultrafast Rectifier, 2 x 15 A FRED PtTM
28-Jul-08
logo
Digitron Semiconductors
MUR3020WT DIGITRON-MUR3020WT Datasheet
331Kb / 5P
30A ULTRAFAST RECTIFIER
More results


Similar Description - MUR3020WT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR1520 MOTOROLA-MUR1520 Datasheet
143Kb / 6P
ULTRAFAST RECTIFIERS 15 AMPERES 200-400-600 VOLTS
MUR1620CT MOTOROLA-MUR1620CT Datasheet
153Kb / 6P
ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
MUR3020PT MOTOROLA-MUR3020PT Datasheet
99Kb / 6P
ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
MUR3040 MOTOROLA-MUR3040 Datasheet
65Kb / 4P
ULTRAFAST RECTIFIERS 30 AMPERES 400 VOLTS
MUR3080 MOTOROLA-MUR3080 Datasheet
52Kb / 2P
ULTRAFAST RECTIFIERS 30 AMPERES 600-800 VOLTS
MUR420 MOTOROLA-MUR420 Datasheet
100Kb / 6P
ULTRAFAST RECTIFIERS 4.0 AMPERES 200-600 VOLTS
MUR820 MOTOROLA-MUR820 Datasheet
150Kb / 6P
ULTRAFAST RECTIFIERS 8 AMPERES 200-400-600 VOLTS
MURS320T3 MOTOROLA-MURS320T3 Datasheet
107Kb / 4P
ULTRAFAST RECTIFIERS 3.0 AMPERES 200-600 VOLTS
logo
Kersemi Electronic Co.,...
MUR3040PT KERSEMI-MUR3040PT Datasheet
474Kb / 7P
ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
MUR3060PT KERSEMI-MUR3060PT Datasheet
474Kb / 7P
ULTRAFAST RECTIFIERS 30 AMPERES, 200??00 VOLTS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com