Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMN641 Datasheet (PDF) - API Technologies Corp

CMN641 Datasheet PDF - API Technologies Corp
Part # CMN641
Download  CMN641 Download
File Size   122.61 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 2560 ??2596 MHz Notch/Bandpass Filter

CMN641 Datasheet (PDF)

Go To PDF Page Download Datasheet
CMN641 Datasheet PDF - API Technologies Corp

Part # CMN641
Download  CMN641 Click to download

File Size   122.61 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description 2560 ??2596 MHz Notch/Bandpass Filter

CMN641 Datasheet (HTML) - API Technologies Corp




Similar Part No. - CMN641

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
CMN642 APITECH-CMN642 Datasheet
86Kb / 1P
887 MHz Band Reject Filter
More results


Similar Description - CMN641

ManufacturerPart #DatasheetDescription
logo
RF Monolithics, Inc
SF2238E RFM-SF2238E Datasheet
801Kb / 6P
2560 MHz SAW Filter
logo
TriQuint Semiconductor
857061 TRIQUINT-857061 Datasheet
624Kb / 6P
782 MHz Notch Filter
logo
API Technologies Corp
CMN666 APITECH-CMN666 Datasheet
94Kb / 1P
2536 ??2596 MHz, High Band Notch Filter
CMN635 APITECH-CMN635 Datasheet
122Kb / 1P
2500 ??2551.5 MHz Notch/Bandpass Filter
logo
Murata Manufacturing Co...
SF2238E MURATA-SF2238E Datasheet
801Kb / 6P
2560 MHz SAW Filter
logo
TriQuint Semiconductor
857031 TRIQUINT-857031_15 Datasheet
644Kb / 7P
826 MHz Notch Filter
880157 TRIQUINT-880157_15 Datasheet
237Kb / 6P
2560 MHz BAW Filter
logo
KR Electronics, Inc.
3298-10-160 KR-3298-10-160 Datasheet
69Kb / 3P
160 MHz Notch Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1234A TAI-SAW-TA1234A Datasheet
360Kb / 8P
SAW Filter 2560 MHz
logo
Qorvo, Inc
880157 QORVO-880157 Datasheet
237Kb / 6P
2560 MHz BAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com