Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JC2AF-DC24V Datasheet (PDF) - Panasonic Semiconductor

JC2AF-DC24V Datasheet PDF - Panasonic Semiconductor
Part # JC2AF-DC24V
Download  JC2AF-DC24V Download
File Size   168.44 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description COMPACT POWER RELAYS

JC2AF-DC24V Datasheet (PDF)

Go To PDF Page Download Datasheet
JC2AF-DC24V Datasheet PDF - Panasonic Semiconductor

Part # JC2AF-DC24V
Download  JC2AF-DC24V Click to download

File Size   168.44 Kbytes
Page   5 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description COMPACT POWER RELAYS

JC2AF-DC24V Datasheet (HTML) - Panasonic Semiconductor


JC2AF-DC24V Product details

FEATURES

• High inrush current capability

1 Form A: 163 A inrush (TV-8)

2 Form A: 111 A inrush (TV-5)

• High dielectric withstanding for transient protection:

  JC can withstand 10,000 V surge in µs between coil and contact.

• Electrical life:

1 Form A: 105 ope. at 15 A 250 V AC resistive load

2 Form A: 105 ope. at 10 A 250 V AC resistive load

• TÜV also approved




Similar Part No. - JC2AF-DC24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JC2AF-DC24V-F PANASONIC-JC2AF-DC24V-F Datasheet
155Kb / 5P
Wide variation 1a 15A, 2a 10A power relays High inrush current capability
More results


Similar Description - JC2AF-DC24V

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMA3 ETC-CMA3 Datasheet
52Kb / 3P
Kinds of single relays, power relays, Autimotive relays lays. Pc-board relays, plug-in relays, PCB relays, miniature relays
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Omron Electronics LLC
G7Z OMRON-G7Z Datasheet
353Kb / 10P
Power Relays
logo
Panasonic Semiconductor
HE1AN-P-DC12V-Y5 PANASONIC-HE1AN-P-DC12V-Y5 Datasheet
92Kb / 5P
Ideal for solar inverter compact size, 1a 35a/48a power relays
logo
TE Connectivity Ltd
FC-325 TEC-FC-325 Datasheet
1,004Kb / 6P
Compact, Hermetically Sealed, Non-Latching Relays
T9S TEC-T9S Datasheet
290Kb / 2P
General Purpose Relays Power Relays
logo
Omron Electronics LLC
G7SA OMRON-G7SA Datasheet
2Mb / 16P
Compact, Slim Relays Conforming to EN Standards
logo
IDEC Corporation
RH IDEC-RH Datasheet
3Mb / 10P
RH Series Compact Power Relays
2017
logo
Omron Electronics LLC
LY OMRON-LY_V01 Datasheet
9Mb / 22P
Power-switching Compact General-purpose Relays
2021.4
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com