Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1AF-B-24V-F Datasheet (PDF) - Panasonic Semiconductor

JS1AF-B-24V-F Datasheet PDF - Panasonic Semiconductor
Part # JS1AF-B-24V-F
Download  JS1AF-B-24V-F Download
File Size   69.18 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1a/1c 10A cubic type power relays

JS1AF-B-24V-F Datasheet (PDF)

Go To PDF Page Download Datasheet
JS1AF-B-24V-F Datasheet PDF - Panasonic Semiconductor

Part # JS1AF-B-24V-F
Download  JS1AF-B-24V-F Click to download

File Size   69.18 Kbytes
Page   4 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description 1a/1c 10A cubic type power relays

JS1AF-B-24V-F Datasheet (HTML) - Panasonic Semiconductor


JS1AF-B-24V-F Product details

1a/1c 10A cubic type power relays

FEATURES
• Miniature size with universal terminal footprint
• High contact capacity: 10 A
• TV-5 type available (Standard type)
  1 Form A type →TV-5
  1 Form C type →TV-5 (N.O. side only)
• VDE, TÜV also approved
• Sealed construction for automatic cleaning (Standard type)
• Class B and F coil insulation type also available.
• EN60335-1 GWT compliant (Tested by VDE) type available
• Surge voltage 6 kV type also available

TYPICAL APPLICATIONS
1. Home appliances Air conditioner, heater, etc.
2. Office machines PPC, facsimile, etc.
3. Vending machines




Similar Part No. - JS1AF-B-24V-F

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
JS1AF-12V NAIS-JS1AF-12V Datasheet
70Kb / 3P
ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
logo
Panasonic Semiconductor
JS1AF-12V-F PANASONIC-JS1AF-12V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays Surge voltage 6 kV type also available
JS1aF-12V-F PANASONIC-JS1aF-12V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
JS1AF-12V-F PANASONIC-JS1AF-12V-F Datasheet
74Kb / 4P
1a/1c 10A cubic type power relays
logo
Nais(Matsushita Electri...
JS1AF-18V NAIS-JS1AF-18V Datasheet
70Kb / 3P
ULTRA-MINIATURE PC BOARD TYPE POWER RELAY
More results


Similar Description - JS1AF-B-24V-F

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
JQ1AP-B-24V-F PANASONIC-JQ1AP-B-24V-F Datasheet
93Kb / 6P
1a/1c 5A/10A small power relays
JQ1APE-24V-H12 PANASONIC-JQ1APE-24V-H12 Datasheet
128Kb / 7P
1a/1c 5A/10A small power relays
JS1A-5V-F PANASONIC-JS1A-5V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays Surge voltage 6 kV type also available
JS1-B-12V-F PANASONIC-JS1-B-12V-F Datasheet
102Kb / 5P
1a/1c 10A cubic type power relays
JQ1AP-24V-F PANASONIC-JQ1AP-24V-F Datasheet
128Kb / 7P
1a/1c 5A/10A small power relays
JS1F-5V-F PANASONIC-JS1F-5V-F Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
JQ1AP-B-12V-F PANASONIC-JQ1AP-B-12V-F Datasheet
88Kb / 6P
1a/1c 5A/10A small power relays
JS1-B-18V PANASONIC-JS1-B-18V Datasheet
69Kb / 4P
1a/1c 10A cubic type power relays
JS1-B-24V-F PANASONIC-JS1-B-24V-F Datasheet
74Kb / 4P
1a/1c 10A cubic type power relays
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
1a/1c 10A cubic type power relay
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com