Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3223 Datasheet (PDF) - Bourns Electronic Solutions

3223 Datasheet PDF - Bourns Electronic Solutions
Part # 3223
Download  3223 Download
File Size   533.62 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 3 mm SMD Trimpot짰 Trimming Potentiometer

3223 Datasheet (PDF)

Go To PDF Page Download Datasheet
3223 Datasheet PDF - Bourns Electronic Solutions

Part # 3223
Download  3223 Click to download

File Size   533.62 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description 3 mm SMD Trimpot짰 Trimming Potentiometer

3223 Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - 3223

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3223 BOURNS-3223 Datasheet
106Kb / 1P
Bourns짰 H-815 & H-870 Surface Mount & Through-Hole Design Kits
logo
List of Unclassifed Man...
3223 ETC2-3223 Datasheet
68Kb / 1P
WASHERS
logo
Heyco.
3223 HEYCO-3223 Datasheet
220Kb / 1P
Heyco® Original Series-35 Liquid Tight Cordgrips
logo
Alpha Wire
3223 ALPHAWIRE-3223 Datasheet
407Kb / 4P
22 (19/34) AWG Tinned Copper
logo
Keystone Electronics Co...
3223 KEYSTONE-3223 Datasheet
423Kb / 1P
WASHERS
31-07 20th
More results


Similar Description - 3223

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
3224W-1-104E BOURNS-3224W-1-104E Datasheet
237Kb / 2P
3224 - 4 mm SMD Trimpot짰 Trimming Potentiometer
3224X-1-102E BOURNS-3224X-1-102E Datasheet
237Kb / 2P
3224 - 4 mm SMD Trimpot짰 Trimming Potentiometer
3303W-3-103E BOURNS-3303W-3-103E Datasheet
237Kb / 2P
3303 - 3 mm SMD Trimpot짰 Trimming Potentiometer
3313J-1-103E BOURNS-3313J-1-103E Datasheet
397Kb / 2P
3313 - 3 mm Trimpot짰 Trimming Potentiometer
3313J-1-500E BOURNS-3313J-1-500E Datasheet
402Kb / 2P
3313 - 3 mm Trimpot짰 Trimming Potentiometer
3313J-1-501E BOURNS-3313J-1-501E Datasheet
397Kb / 2P
3313 - 3 mm Trimpot짰 Trimming Potentiometer
TC33X-2-102E BOURNS-TC33X-2-102E Datasheet
258Kb / 2P
TC33 - 3 mm SMD Trimpot짰 Trimming Potentiometer
3313J-1-201E BOURNS-3313J-1-201E Datasheet
397Kb / 2P
3313 - 3 mm Trimpot짰 Trimming Potentiometer
TC33X-1-202E BOURNS-TC33X-1-202E Datasheet
258Kb / 2P
TC33 - 3 mm SMD Trimpot짰 Trimming Potentiometer
3302 BOURNS-3302 Datasheet
186Kb / 1P
2 mm SMD Trimpot짰 Trimming Potentiometer
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com