Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NVF2955P Datasheet (PDF) - ON Semiconductor

NVF2955P Datasheet PDF - ON Semiconductor
Part # NVF2955P
Download  NVF2955P Download
File Size   116.08 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET ??0 V, ??.6 A, Single P?묬hannel SOT??23

NVF2955P Datasheet (PDF)

Go To PDF Page Download Datasheet
NVF2955P Datasheet PDF - ON Semiconductor

Part # NVF2955P
Download  NVF2955P Click to download

File Size   116.08 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET ??0 V, ??.6 A, Single P?묬hannel SOT??23

NVF2955P Datasheet (HTML) - ON Semiconductor




Similar Part No. - NVF2955P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVF2955T1G ONSEMI-NVF2955T1G Datasheet
118Kb / 6P
Power MOSFET
February, 2014 ??Rev. 7
More results


Similar Description - NVF2955P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR1P02T1 ONSEMI-NTR1P02T1 Datasheet
63Kb / 6P
Power MOSFET(??0 V, ?? A, P?묬hannel SOT??3 Package)
March, 2005 ??Rev. 4
NTK3139P ONSEMI-NTK3139P Datasheet
59Kb / 5P
Power MOSFET ??0 V, ??80 mA, Single P?묬hannel with ESD Protection, SOT??23
December, 2006 ??Rev. 0
NTR3162P ONSEMI-NTR3162P Datasheet
129Kb / 6P
Power MOSFET ??0 V, ??.6 A, Single P?묬hannel, SOT??3
May, 2008 ??Rev. 0
NTR4171P ONSEMI-NTR4171P Datasheet
114Kb / 6P
Power MOSFET ??0 V, ??.5 A, Single P?묬hannel, SOT??3
June, 2008 ??Rev. 0
NTS4173P ONSEMI-NTS4173P Datasheet
114Kb / 6P
Power MOSFET ??0 V, ??.3 A, Single P?묬hannel, SC??0
September, 2008 ??Rev. 0
NTR4502P ONSEMI-NTR4502P Datasheet
136Kb / 5P
Power MOSFET ??0 V, ??.95 A, Single, P?묬hannel, SOT??3
April, 2009 ??Rev. 4
NTR4101P ONSEMI-NTR4101P_10 Datasheet
125Kb / 5P
Trench Power MOSFET ??0 V, Single P?묬hannel, SOT??3
June, 2010 ??Rev. 5
NVTR4502PT1G ONSEMI-NVTR4502PT1G Datasheet
142Kb / 5P
??0 V, ??.95 A, Single, P?묬hannel, SOT??3
August, 2011 ??Rev. 5
NTF2955T1G ONSEMI-NTF2955T1G Datasheet
116Kb / 5P
??0 V, ??.6 A, Single P?묬hannel SOT??23
May, 2013 ??Rev. 6
NTLUS3A18PZTCG ONSEMI-NTLUS3A18PZTCG Datasheet
153Kb / 6P
Power MOSFET ??0 V, ??.2 A, Single P?묬hannel,
July, 2012 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com