Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B59995C0120A070 Datasheet (PDF) - EPCOS

B59995C0120A070 Datasheet PDF - EPCOS
Part # B59995C0120A070
Download  B59995C0120A070 Download
File Size   305.23 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description PTC thermistors for overcurrent protection

B59995C0120A070 Datasheet (PDF)

Go To PDF Page Download Datasheet
B59995C0120A070 Datasheet PDF - EPCOS

Part # B59995C0120A070
Download  B59995C0120A070 Click to download

File Size   305.23 Kbytes
Page   10 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description PTC thermistors for overcurrent protection

B59995C0120A070 Datasheet (HTML) - EPCOS


B59995C0120A070 Product details

PTC thermistors for overcurrent protection

Leaded disks, coated, 12 V, 24 V

Features
■ Lead-free terminals
■ Manufacturers logo and type designation stamped on in white
■ Low resistance
■ For rated currents of up to 1.8 A
■ UL approval to UL 1434 for Vmax = 15 V and VR = 12 V (file number E69802)
■ RoHS-compatible

Applications
■ Overcurrent protection
■ Short circuit protection




Similar Part No. - B59995C0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B59995C0120A070 EPCOS-B59995C0120A070 Datasheet
307Kb / 10P
PTC thermistors for overcurrent protection
B59995C0120A070 EPCOS-B59995C0120A070 Datasheet
149Kb / 10P
PTC thermistors for overcurrent protection Leaded disks, coated, 12 V, 24 V
B59995C0120A070 EPCOS-B59995C0120A070 Datasheet
305Kb / 10P
PTC thermistors for overcurrent protection
B59995C0120A070 EPCOS-B59995C0120A070 Datasheet
305Kb / 10P
PTC thermistors for overcurrent protection
B59995C0120A070 EPCOS-B59995C0120A070 Datasheet
149Kb / 10P
PTC thermistors for overcurrent protection
More results


Similar Description - B59995C0120A070

ManufacturerPart #DatasheetDescription
logo
EPCOS
B5960 EPCOS-B5960 Datasheet
330Kb / 10P
PTC Thermistors for Overcurrent Protection
B59301P1080A062 EPCOS-B59301P1080A062_09 Datasheet
319Kb / 10P
PTC thermistors for overcurrent protection
B59315P1080A062 EPCOS-B59315P1080A062 Datasheet
328Kb / 10P
PTC thermistors for overcurrent protection
B59404B0060A040 EPCOS-B59404B0060A040_09 Datasheet
268Kb / 10P
PTC thermistors for overcurrent protection
B59750B0120A070 EPCOS-B59750B0120A070 Datasheet
410Kb / 13P
PTC thermistors for overcurrent protection
B59810C0130A070 EPCOS-B59810C0130A070_09 Datasheet
674Kb / 16P
PTC thermistors for overcurrent protection
B59830C0160A070 EPCOS-B59830C0160A070_09 Datasheet
310Kb / 10P
PTC thermistors for overcurrent protection
B59910C0130A070 EPCOS-B59910C0130A070_09 Datasheet
600Kb / 15P
PTC thermistors for overcurrent protection
B59935C0160A070 EPCOS-B59935C0160A070 Datasheet
307Kb / 10P
PTC thermistors for overcurrent protection
B59880C0120A051 EPCOS-B59880C0120A051 Datasheet
436Kb / 16P
PTC thermistors for overcurrent protection
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com