Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADM483EAR-REEL Datasheet (PDF) - Analog Devices

ADM483EAR-REEL Datasheet PDF - Analog Devices
Part # ADM483EAR-REEL
Download  ADM483EAR-REEL Download
File Size   378.53 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15,-15 kV ESD Protected, Slew Rate

ADM483EAR-REEL Datasheet (PDF)

Go To PDF Page Download Datasheet
ADM483EAR-REEL Datasheet PDF - Analog Devices

Part # ADM483EAR-REEL
Download  ADM483EAR-REEL Click to download

File Size   378.53 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 15,-15 kV ESD Protected, Slew Rate

ADM483EAR-REEL Datasheet (HTML) - Analog Devices


ADM483EAR-REEL Product details

GENERAL DESCRIPTION
The ADM483E is a 5 V, low power data transceiver with ±15 kV ESD protection suitable for half-duplex communication on multipoint bus transmission lines. The ADM483E is designed for balanced data transmission and complies with TIA/EIA Standards RS-485 and RS-422, which allow up to 32 transceivers on a bus.
The ADM483E has a low current shutdown mode in which it consumes only 0.1 μA.
Because only one driver is enabled at any time, the output of a disabled or power-down driver is three-stated to avoid overloading the bus.
Drivers are short-circuit current-limited and are protected against excessive power dissipation by thermal shutdown circuitry that places their outputs into a high impedance state. The receiver input has a fail-safe feature that guarantees a logic high output if the input is open circuit.
The ADM483E is fully specified over the industrial temperature ranges and is available in 8-lead SOIC_N packages.

FEATURES
  ±15 kV ESD protection
  250 kbps data rate
  Reduced slew rate for low EM interference
  Single 5 V ± 10% supply
  −7 V to +12 V bus common-mode range
  Up to 32 nodes on the bus
  Receiver open-circuit, fail-safe design
  Short-circuit protection
  36 μA supply current
  0.1 μA shutdown current
 
APPLICATIONS
  Low power RS-485 systems
  Electrically harsh environments
  EMI sensitive applications
  DTE-DCE interface
  Packet switching
  Local area networks




Similar Part No. - ADM483EAR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
363Kb / 16P
±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
More results


Similar Description - ADM483EAR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM483E AD-ADM483E Datasheet
324Kb / 12P
-15 kV ESD Protected, EMC Compliant Slew Rate Limited, EIA RS-485 Transceiver
REV.0
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
/- 15 kV ESD protected 5 V RS-232 transceiver
08-Feb-2008
ST207EB STMICROELECTRONICS-ST207EB_07 Datasheet
632Kb / 15P
/-15 kV ESD protected 5 V RS-232 transceiver
22-Aug-2007
logo
Analog Devices
ADM483EARZ AD-ADM483EARZ Datasheet
364Kb / 16P
짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EARZ-REEL AD-ADM483EARZ-REEL Datasheet
364Kb / 16P
짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM483EAR-REEL AD-ADM483EAR-REEL Datasheet
364Kb / 16P
짹15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
REV. A
ADM4168E AD-ADM4168E Datasheet
290Kb / 12P
15 kV ESD Protected Dual RS-422 Transceiver
REV. 0
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
3.3 V, 15,-15 kV ESD-Protected
Rev. E
ADM483E AD-ADM483E_V01 Datasheet
363Kb / 16P
±15 kV ESD Protected, Slew Rate Limited, 5 V, RS-485 Transceiver
Rev. A
ADM4168E AD-ADM4168E_V01 Datasheet
381Kb / 12P
±15 kV ESD Protected, Dual RS-422 Transceiver
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com