Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOZ8904CIL Datasheet (PDF) - Alpha & Omega Semiconductors

AOZ8904CIL Datasheet PDF - Alpha & Omega Semiconductors
Part # AOZ8904CIL
Download  AOZ8904CIL Download
File Size   41.22 Kbytes
Page   3 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Plastic Encapsulated Device

AOZ8904CIL Datasheet (PDF)

Go To PDF Page Download Datasheet
AOZ8904CIL Datasheet PDF - Alpha & Omega Semiconductors

Part # AOZ8904CIL
Download  AOZ8904CIL Click to download

File Size   41.22 Kbytes
Page   3 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description Plastic Encapsulated Device

AOZ8904CIL Datasheet (HTML) - Alpha & Omega Semiconductors


AOZ8904CIL Product details

General Description

The AOZ8904 is a transient voltage suppressor array designed to protect high speed data lines from Electro Static Discharge (ESD) and lightning. This device incorporates eight surge rated, low capacitance steering diodes and a Transient Voltage Suppressor (TVS) in a single package. During transient conditions, the steering diodes direct the transient to either the positive side of the power supply line or to ground. They may be used to meet the ESD immunity requirements of IEC 61000-4-2, Level 4 (±15kV air,±8kV contact discharge).

The AOZ8904 comes in a Halogen Free and RoHS compliant SOT-23 and SC-70 packages. It is rated over a

-40°C to +85°C ambient temperature range.



Features

• ESD protection for high-speed data lines:

– Exceeds: IEC 61000-4-2 (ESD) ±24kV (air),±24kV (contact)

– IEC 61000-4-5 (Lightning) 4A (8/20µs)

– Human Body Model (HBM) ±24kV

• Small package saves board space

• Low insertion loss

• Protects four I/O lines

• Low clamping voltage

• Low operating voltage: 5.0V



Applications

• USB 2.0 Power and Data Line Protection

• Video Graphics Cards

• Monitors and Flat Panel Displays

• Digital Video Interface (DVI)




Similar Part No. - AOZ8904CIL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOZ8904 AOSMD-AOZ8904 Datasheet
494Kb / 11P
Ultra-Low Capacitance TVS Diode Array
More results


Similar Description - AOZ8904CIL

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOP605 AOSMD-AOP605_06 Datasheet
107Kb / 5P
Plastic Encapsulated Device
AOZ8000CI AOSMD-AOZ8000CI Datasheet
121Kb / 4P
Plastic Encapsulated Device
AOD456A AOSMD-AOD456A Datasheet
108Kb / 5P
Plastic Encapsulated Device
AOW20C60 AOSMD-AOW20C60 Datasheet
83Kb / 3P
Plastic Encapsulated Device
AOTF260L AOSMD-AOTF260L Datasheet
39Kb / 3P
Plastic Encapsulated Device
AOTF10T60 AOSMD-AOTF10T60 Datasheet
79Kb / 3P
Plastic Encapsulated Device
AOTF7N60FD AOSMD-AOTF7N60FD Datasheet
80Kb / 3P
Plastic Encapsulated Device
AON6554 AOSMD-AON6554 Datasheet
93Kb / 3P
Plastic Encapsulated Device
AOZ8001KIL AOSMD-AOZ8001KIL Datasheet
34Kb / 4P
Plastic Encapsulated Device
AON1610 AOSMD-AON1610 Datasheet
60Kb / 3P
Plastic Encapsulated Device
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com