Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C143E16F Datasheet (PDF) - Microchip Technology

RE46C143E16F Datasheet PDF - Microchip Technology
Part # RE46C143E16F
Download  RE46C143E16F Download
File Size   250.89 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CMOS Photoelectric Smoke Detector ASIC with Interconnect

RE46C143E16F Datasheet (PDF)

Go To PDF Page Download Datasheet
RE46C143E16F Datasheet PDF - Microchip Technology

Part # RE46C143E16F
Download  RE46C143E16F Click to download

File Size   250.89 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CMOS Photoelectric Smoke Detector ASIC with Interconnect

RE46C143E16F Datasheet (HTML) - Microchip Technology


RE46C143E16F Product details

General Description
The RE46C143 is low power CMOS photoelectric type smoke detector IC. With minimal external components this circuit will provide all the required features for a photoelectric type smoke detector.
The design incorporates a gain selectable photo amplifier for use with an infrared emitter/detector pair. An internal oscillator strobes power to the smoke detection circuitry for 100us every 8.1 seconds to keep standby current to a minimum. If smoke is sensed the detection rate is increased to verify an alarm condition. A high gain mode is available for push button chamber testing.
A check for a low battery condition and chamber integrity is performed every 40 seconds when in standby. The alarm horn pattern utilizes a 75% duty cycle.
An interconnect pin allows multiple detectors to be connected such that when one units alarms, all units will sound.
Utilizing low power CMOS technology the RE46C143 was designed for use in smoke detectors that comply with Underwriters Laboratory Specification UL217 and UL268.

Features
• Internal Power On Reset
• Low Quiescent Current Consumption
• Available in 16L PDIP or 16L N SOIC
• ESD Protection on all Pins
• Interconnect up to 40 Detectors
• 75% Duty Cycle Horn Pattern
• Low Battery and Chamber Test
• Compatible with Motorola MC145010
• Available in Standard Packaging or RoHS Compliant Pb Free Packaging.




Similar Part No. - RE46C143E16F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C143 MICROCHIP-RE46C143 Datasheet
250Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect
2009
More results


Similar Description - RE46C143E16F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C121 MICROCHIP-RE46C121 Datasheet
214Kb / 7P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C126 MICROCHIP-RE46C126 Datasheet
218Kb / 8P
CMOS Ionization Smoke Detector ASIC with Interconnect
2009
RE46C141 MICROCHIP-RE46C141 Datasheet
251Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect
2009
RE46C143 MICROCHIP-RE46C143 Datasheet
250Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect
2009
RE46C140 MICROCHIP-RE46C140 Datasheet
257Kb / 13P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C144 MICROCHIP-RE46C144 Datasheet
256Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C145 MICROCHIP-RE46C145 Datasheet
259Kb / 12P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C190 MICROCHIP-RE46C190 Datasheet
408Kb / 42P
CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect
2010
RE46C144 MICROCHIP-RE46C144_12 Datasheet
1Mb / 26P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C145 MICROCHIP-RE46C145_12 Datasheet
1Mb / 26P
CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com