Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UFT5-28SL Datasheet (PDF) - Advanced Semiconductor

UFT5-28SL Datasheet PDF - Advanced Semiconductor
Part # UFT5-28SL
Download  UFT5-28SL Download
File Size   19.23 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description UHF POWER MOSFET N-Channel Enhancement Mode

UFT5-28SL Datasheet (PDF)

Go To PDF Page Download Datasheet
UFT5-28SL Datasheet PDF - Advanced Semiconductor

Part # UFT5-28SL
Download  UFT5-28SL Click to download

File Size   19.23 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description UHF POWER MOSFET N-Channel Enhancement Mode

UFT5-28SL Datasheet (HTML) - Advanced Semiconductor


UFT5-28SL Product details

DESCRIPTION:
The UFT5-28SL is Designed for is Designed for AM/FM Power Amplifier Applications up to 500 MHz.

FEATURES:
 • POUT = 5.0 W Typical at 400 MHz
 • hD = 55% Typical at 5 W / 400 MHz
 • Omnigold™ Metalization System




Similar Part No. - UFT5-28SL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UFT50 MICROSEMI-UFT50 Datasheet
129Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
UFT5010 MICROSEMI-UFT5010 Datasheet
129Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
UFT5015 MICROSEMI-UFT5015 Datasheet
129Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
UFT5020 MICROSEMI-UFT5020 Datasheet
129Kb / 2P
ULTRA FAST RECOVERY RECTIFIERS
More results


Similar Description - UFT5-28SL

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2N7002K GTM-G2N7002K Datasheet
368Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G111K GTM-G111K Datasheet
366Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G138 GTM-G138 Datasheet
324Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G301K GTM-G301K Datasheet
296Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2304A GTM-G2304A Datasheet
371Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2308E GTM-G2308E Datasheet
330Kb / 4P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE20N03 GTM-GE20N03 Datasheet
296Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE40N03 GTM-GE40N03 Datasheet
251Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE50L02 GTM-GE50L02 Datasheet
258Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GE70N03 GTM-GE70N03 Datasheet
299Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results




About Advanced Semiconductor


Advanced Semiconductor, Inc. (ASI) is a semiconductor company based in South Korea. The company was founded in 1989 and specializes in the design and manufacturing of memory and storage solutions for a variety of applications, including consumer electronics, automotive, and industrial markets.

ASI's product portfolio includes DRAM, SRAM, flash memory, and embedded memory solutions. These products are used in a wide range of devices, including smartphones, tablets, laptops, servers, and automotive infotainment systems.

ASI is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. ASI also offers custom design and engineering services to meet the specific needs of its customers.

ASI has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative memory and storage solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com