Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MR135 Datasheet (PDF) - API Technologies Corp

MR135 Datasheet PDF - API Technologies Corp
Part # MR135
Download  MR135 Download
File Size   119.07 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description RF/LO: 7.75 to 18.25 GHz IF: 2.75 to 3.25 GHz

MR135 Datasheet (PDF)

Go To PDF Page Download Datasheet
MR135 Datasheet PDF - API Technologies Corp

Part # MR135
Download  MR135 Click to download

File Size   119.07 Kbytes
Page   1 Pages
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp
Description RF/LO: 7.75 to 18.25 GHz IF: 2.75 to 3.25 GHz

MR135 Datasheet (HTML) - API Technologies Corp




Similar Part No. - MR135

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
MR1366 DIGITRON-MR1366 Datasheet
95Kb / 2P
FAST RECOVERY SILICON RECTIFIERS
MR1376 DIGITRON-MR1376 Datasheet
95Kb / 2P
FAST RECOVERY SILICON RECTIFIERS
logo
New Jersey Semi-Conduct...
MR1376 NJSEMI-MR1376 Datasheet
89Kb / 1P
FAST RECOVERY POWER RECTIFIERS
logo
Digitron Semiconductors
MR1386 DIGITRON-MR1386 Datasheet
95Kb / 2P
FAST RECOVERY SILICON RECTIFIERS
MR1396 DIGITRON-MR1396 Datasheet
95Kb / 2P
FAST RECOVERY SILICON RECTIFIERS
More results


Similar Description - MR135

ManufacturerPart #DatasheetDescription
logo
API Technologies Corp
MR143M APITECH-MR143M Datasheet
112Kb / 1P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
MR143L APITECH-MR143L Datasheet
186Kb / 3P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
MR143H APITECH-MR143H Datasheet
196Kb / 3P
RF/LO: 4 to 18 GHz IF: 1 to 10 GHz
MR142M APITECH-MR142M Datasheet
114Kb / 1P
RF / LO: 4 to 18 GHz IF: 10 to 5000 GHz
MR142L APITECH-MR142L Datasheet
112Kb / 1P
RF/LO: 4 to 18 GHz IF: 10 to 5000 GHz
MR142H APITECH-MR142H Datasheet
113Kb / 1P
RF/LO: 4 to 18 GHz IF: 10 to 5000 GHz
MR141L APITECH-MR141L Datasheet
198Kb / 3P
RF/LO: 4 to 18 GHz IF: to 500 MHz
MR140L APITECH-MR140L Datasheet
179Kb / 3P
RF/LO: 4 to 18 GHz IF:1 to 10 GHz
MR140H APITECH-MR140H Datasheet
108Kb / 1P
RF/LO: 4.0 to 18.0 GHz IF:1.0 to 10.0 GHz
MR116L APITECH-MR116L Datasheet
193Kb / 2P
RF/LO: 2 to 18 GHz IF: 1 to 10 GHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com