Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASI10683 Datasheet (PDF) - Advanced Semiconductor

ASI10683 Datasheet PDF - Advanced Semiconductor
Part # ASI10683
Download  ASI10683 Download
File Size   17.59 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description NPN SILICON RF POWER TRANSISTOR

ASI10683 Datasheet (PDF)

Go To PDF Page Download Datasheet
ASI10683 Datasheet PDF - Advanced Semiconductor

Part # ASI10683
Download  ASI10683 Click to download

File Size   17.59 Kbytes
Page   1 Pages
Manufacturer  ASI [Advanced Semiconductor]
Direct Link  http://www.advancedsemiconductor.com
Logo ASI - Advanced Semiconductor
Description NPN SILICON RF POWER TRANSISTOR

ASI10683 Datasheet (HTML) - Advanced Semiconductor


ASI10683 Product details

DESCRIPTION:
The ASI ULBM25 is a gold metallized RF power transistor designed for 12.5 Class-C applications in 450-513 MHz frequency range. It utilizes Emitter Ballasting to achieve high reliability and ruggedness.

FEATURES:
• Internal Input Matching Network
• PG = 6.5 dB at 25 W/470 MHz
• Omnigold™ Metalization System
• Common Emitter, Class-C , 12.5 V




Similar Part No. - ASI10683

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
ASI10680 ASI-ASI10680 Datasheet
16Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10681 ASI-ASI10681 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10681 ASI-ASI10681 Datasheet
95Kb / 2P
NPN SILICON RF POWER TRANSISTOR
REV. C
ASI10682 ASI-ASI10682 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
ASI10684 ASI-ASI10684 Datasheet
17Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results


Similar Description - ASI10683

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE346 NTE-NTE346 Datasheet
23Kb / 2P
Silicon NPN Transistor RF Power Transistor
logo
Tyco Electronics
MRF16030 MACOM-MRF16030 Datasheet
133Kb / 5P
RF POWER TRANSISTOR NPN SILICON
MRF429 MACOM-MRF429 Datasheet
163Kb / 5P
RF POWER TRANSISTOR NPN SILICON
logo
Advanced Semiconductor
BLV30 ASI-BLV30 Datasheet
13Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRF315A ASI-MRF315A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
REV. A
ASIS50-28 ASI-ASIS50-28 Datasheet
20Kb / 1P
NPN SILICON RF POWER TRANSISTOR
MRA0610-18A ASI-MRA0610-18A Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
CM45-28 ASI-CM45-28 Datasheet
15Kb / 1P
NPN SILICON RF POWER TRANSISTOR
BM30-12 ASI-BM30-12 Datasheet
60Kb / 1P
NPN SILICON RF POWER TRANSISTOR
B25-28 ASI-B25-28 Datasheet
14Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results




About Advanced Semiconductor


Advanced Semiconductor, Inc. (ASI) is a semiconductor company based in South Korea. The company was founded in 1989 and specializes in the design and manufacturing of memory and storage solutions for a variety of applications, including consumer electronics, automotive, and industrial markets.

ASI's product portfolio includes DRAM, SRAM, flash memory, and embedded memory solutions. These products are used in a wide range of devices, including smartphones, tablets, laptops, servers, and automotive infotainment systems.

ASI is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. ASI also offers custom design and engineering services to meet the specific needs of its customers.

ASI has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative memory and storage solutions that meet the evolving needs of the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com