Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2502X Datasheet (PDF) - Microchip Technology

MCP2502X Datasheet PDF - Microchip Technology
Part # MCP2502X
Download  MCP2502X Download
File Size   668.03 Kbytes
Page   66 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CAN I/O Expander Family

MCP2502X Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP2502X Datasheet PDF - Microchip Technology

Part # MCP2502X
Download  MCP2502X Click to download

File Size   668.03 Kbytes
Page   66 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description CAN I/O Expander Family

MCP2502X Datasheet (HTML) - Microchip Technology


MCP2502X Product details

Description

The MCP2502X/5X devices operate as I/O expanders for a Controller Area Network (CAN) system, supporting CAN V2.0B active, with bus rates up to 1 Mb/s. The MCP2502X/5X allows a simple CAN node to be implemented without the need for a microcontroller.



Features

• Implements CAN V2.0B

- Programmable bit rate up to 1 Mb/s

- One programmable mask

- Two programmable filters

- Three auto-transmit buffers

- Two message reception buffers

- Does not require synchronization or configuration messages

• Hardware Features

- Non-volatile memory for user configuration

- User configuration automatically loaded on power-up

- Eight general-purpose I/O lines individually selectable as inputs or outputs

- Individually selectable transmit-on-pin change for each input

- Four 10-bit, analog input channels with programmable conversion clock and VREF sources (MCP2505X devices only)

- Message scheduling capability

- Two 10-bit PWM outputs with independently programmable frequencies

- Device configuration can be modified via CAN bus messages

- In-Circuit Serial Programming™ (ICSP™) of default configuration memory

- Optional 1-wire CAN bus operation

• Low-power CMOS technology

- Operates from 2.7V to 5.5V

- 10 mA active current, typical

- 30 µA standby current (CAN Sleep mode)

• 14-pin PDIP (300 mil) and SOIC (150 mil) packages

• Available temperature ranges:

- Industrial (I): -40°C to +85°C

- Extended (E): -40°C to +125°C




Similar Part No. - MCP2502X

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2502X MICROCHIP-MCP2502X Datasheet
602Kb / 56P
CAN I/O EXPANDER FAMILY
2001
MCP2502X MICROCHIP-MCP2502X Datasheet
1Mb / 66P
CAN I/O Expander Family
2007
MCP2502X MICROCHIP-MCP2502X Datasheet
668Kb / 66P
CAN I/O Expander Family
12/08/06
MCP2502X MICROCHIP-MCP2502X Datasheet
668Kb / 66P
CAN I/O Expander Family
12/08/06
More results


Similar Description - MCP2502X

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
12-BIT I/O EXPANDER
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
I/O EXPANDER
logo
Microchip Technology
MCP25050 MICROCHIP-MCP25050 Datasheet
602Kb / 56P
CAN I/O EXPANDER FAMILY
2001
logo
Mitsubishi Electric Sem...
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
12-bit I/O EXPANDER
logo
Microchip Technology
MCP2502X MICROCHIP-MCP2502X Datasheet
1Mb / 66P
CAN I/O Expander Family
2007
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
Keypad I/O Expander
REV. A
logo
Microchip Technology
MCP25050-I MICROCHIP-MCP25050-I Datasheet
1Mb / 66P
CAN I/O Expander Family
12/08/06
MCP25050-IP MICROCHIP-MCP25050-IP Datasheet
1Mb / 66P
CAN I/O Expander Family
12/08/06
MCP25020-E MICROCHIP-MCP25020-E Datasheet
668Kb / 66P
CAN I/O Expander Family
12/08/06
MCP25020-I MICROCHIP-MCP25020-I Datasheet
668Kb / 66P
CAN I/O Expander Family
12/08/06
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com