Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16LF72 Datasheet (PDF) - Microchip Technology

PIC16LF72 Datasheet PDF - Microchip Technology
Part # PIC16LF72
Download  PIC16LF72 Download
File Size   1502.97 Kbytes
Page   136 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter

PIC16LF72 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16LF72 Datasheet PDF - Microchip Technology

Part # PIC16LF72
Download  PIC16LF72 Click to download

File Size   1502.97 Kbytes
Page   136 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter

PIC16LF72 Datasheet (HTML) - Microchip Technology


PIC16LF72 Product details

DEVICE OVERVIEW

This document contains device specific information for the operation of the PIC16F72 device. Additional information may be found in the PIC™ Mid-Range MCU Reference Manual (DS33023), which may be down loaded from the Microchip website. The Reference Manual should be considered a complementary document to this data sheet, and is highly recommended reading for a better understanding of the device architecture and operation of the peripheral modules.



Device Included:

• PIC16F72



High Performance RISC CPU:

• Only 35 single word instructions to learn

• All single cycle instructions except for program branches, which are two-cycle

• Operating speed: DC - 20 MHz clock input

                          DC - 200 ns instruction cycle

• 2K x 14 words of Program Memory, 128 x 8 bytes of Data Memory (RAM)

• Pinout compatible to PIC16C72/72A and PIC16F872

• Interrupt capability

• Eight-level deep hardware stack

• Direct, Indirect and Relative Addressing modes



Peripheral Features:

• High Sink/Source Current: 25 mA

• Timer0: 8-bit timer/counter with 8-bit prescaler

• Timer1: 16-bit timer/counter with prescaler, can be incremented during SLEEP via external crystal/clock

• Timer2: 8-bit timer/counter with 8-bit period register, prescaler and postscaler

• Capture, Compare, PWM (CCP) module

   - Capture is 16-bit, max. resolution is 12.5 ns

   - Compare is 16-bit, max. resolution is 200 ns

   - PWM max. resolution is 10-bit

• 8-bit, 5-channel analog-to-digital converter

• Synchronous Serial Port (SSP) with SPI™ (Master/Slave) and I2C™ (Slave)

• Brown-out detection circuitry for Brown-out Reset (BOR)



CMOS Technology:

• Low power, high speed CMOS FLASH technology

• Fully static design

• Wide operating voltage range: 2.0V to 5.5V

• Industrial temperature range

• Low power consumption:

   - < 0.6 mA typical @ 3V, 4 MHz

   - 20 μA typical @ 3V, 32 kHz

   - < 1 μA typical standby current



Special Microcontroller Features:

• 1,000 erase/write cycle FLASH program memory typical

• Power-on Reset (POR), Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)

• Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation

• Programmable code protection

• Power saving SLEEP mode

• Selectable oscillator options

• In-Circuit Serial Programming™ (ICSP™) via 2 pins

• Processor read access to program memory



 




Similar Part No. - PIC16LF72

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16LF72 MICROCHIP-PIC16LF72 Datasheet
2Mb / 136P
28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
2002
PIC16LF72 MICROCHIP-PIC16LF72 Datasheet
1Mb / 136P
28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16LF72/ML MICROCHIP-PIC16LF72/ML Datasheet
2Mb / 136P
28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
2002
PIC16LF72/P MICROCHIP-PIC16LF72/P Datasheet
2Mb / 136P
28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
2002
PIC16LF72/SO MICROCHIP-PIC16LF72/SO Datasheet
2Mb / 136P
28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
2002
More results


Similar Description - PIC16LF72

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F872 MICROCHIP-PIC16F872 Datasheet
2Mb / 160P
28-Pin, 8-Bit CMOS FLASH Microcontroller
1999
PIC16F72 MICROCHIP-PIC16F72 Datasheet
2Mb / 136P
28-Pin, 8-Bit CMOS FLASH MCU with A/D Converter
2002
PIC16F7X MICROCHIP-PIC16F7X Datasheet
3Mb / 174P
28/40-pin, 8-bit CMOS FLASH Microcontrollers
2002
PIC12C671 MICROCHIP-PIC12C671 Datasheet
1Mb / 129P
8-Pin, 8-Bit CMOS Microcontroller with A/D Converter
1999 - 2002
PIC16F872 MICROCHIP-PIC16F872_06 Datasheet
2Mb / 168P
28-Pin, 8-Bit CMOS Flash Microcontroller with 10-Bit A/D
2006
PIC16F87X MICROCHIP-PIC16F87X_13 Datasheet
2Mb / 218P
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12 1998-2013
PIC16F72 MICROCHIP-PIC16F72_07 Datasheet
2Mb / 136P
28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16F72-E MICROCHIP-PIC16F72-E Datasheet
1Mb / 136P
28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16F72-ISS MICROCHIP-PIC16F72-ISS Datasheet
2Mb / 136P
28-Pin, 8-Bit CMOS FLASH Microcontoller with A/D Converter
12/08/06
PIC16LF877-04PT MICROCHIP-PIC16LF877-04PT Datasheet
2Mb / 218P
28/40-Pin 8-Bit CMOS FLASH Microcontrollers
11/29/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com