Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MURH840CT Datasheet (PDF) - Motorola, Inc

MURH840CT Datasheet PDF - Motorola, Inc
Part # MURH840CT
Download  MURH840CT Download
File Size   78.62 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS

MURH840CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MURH840CT Datasheet PDF - Motorola, Inc

Part # MURH840CT
Download  MURH840CT Click to download

File Size   78.62 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS

MURH840CT Datasheet (HTML) - Motorola, Inc


MURH840CT Product details

. . . designed for use in switching power supplies, inverters and as free wheeling diodes, these state–of–the–art devices have the following features:

• Ultrafast 28 Nanosecond Recovery Time
• 175°C Operating Junction Temperature
• Popular TO–220 Package
• Epoxy Meets UL94, VO @ 1/8″
• High Temperature Glass Passivated Junction
• High Voltage Capability to 400 Volts
• Low Leakage Specified @ 150°C Case Temperature
• Current Derating @ Both Case and Ambient Temperatures

Mechanical Characteristics:
• Case: Epoxy, Molded
• Weight: 1.9 grams (approximately)
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable
• Lead Temperature for Soldering Purposes: 260°C Max. for
10 Seconds
• Shipped 50 units per plastic tube
• Marking: UH840




Similar Part No. - MURH840CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MURH840CT MCC-MURH840CT Datasheet
150Kb / 2P
8 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
ON Semiconductor
MURH840CT ONSEMI-MURH840CT Datasheet
51Kb / 4P
ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
August, 2006 ??Rev. 4
logo
Shanghai Lunsure Electr...
MURH840CT CHENYI-MURH840CT Datasheet
400Kb / 2P
8Amp super fast glass passivated rectifier 50to600 volts
logo
ON Semiconductor
MURH840CT ONSEMI-MURH840CT Datasheet
123Kb / 4P
MEGAHERTZ??Power Rectifier
June, 2008 ??Rev. 5
logo
Kersemi Electronic Co.,...
MURH840CT KERSEMI-MURH840CT Datasheet
409Kb / 4P
ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS trr = 28 ns
More results


Similar Description - MURH840CT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MURH8100E MOTOROLA-MURH8100E Datasheet
140Kb / 6P
ULTRAFAST RECTIFIER 8.0 AMPERES 1000 VOLTS
MURH860CT MOTOROLA-MURH860CT Datasheet
82Kb / 4P
ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
MURHB840CT MOTOROLA-MURHB840CT Datasheet
107Kb / 6P
ULTRAFAST RECTIFIER 8.0 AMPERES 400 VOLTS
MURHF860CT MOTOROLA-MURHF860CT Datasheet
50Kb / 2P
ULTRAFAST RECTIFIER 8.0 AMPERES 600 VOLTS
logo
ON Semiconductor
MURH840CT ONSEMI-MURH840CT Datasheet
51Kb / 4P
ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
August, 2006 ??Rev. 4
MURH860CT ONSEMI-MURH860CT_06 Datasheet
54Kb / 4P
ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
February, 2006 ??Rev. 3
MURHB840CT ONSEMI-MURHB840CT_06 Datasheet
56Kb / 5P
ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS
February, 2006 ??Rev. 4
MURHF860CT ONSEMI-MURHF860CT_06 Datasheet
88Kb / 3P
ULTRAFAST RECTIFIER 8.0 AMPERES, 600 VOLTS
April, 2006 ??Rev. 4
logo
Kersemi Electronic Co.,...
MURH840CT KERSEMI-MURH840CT Datasheet
409Kb / 4P
ULTRAFAST RECTIFIER 8.0 AMPERES, 400 VOLTS trr = 28 ns
logo
Rectron Semiconductor
MUR820P RECTRON-MUR820P Datasheet
137Kb / 8P
ULTRAFAST RECTIFIER VOLTAGE RANGE 200 Volts CURRENT 8.0 Amperes
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com