Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USB2412-DZK Datasheet (PDF) - SMSC Corporation

USB2412-DZK Datasheet PDF - SMSC Corporation
Part # USB2412-DZK
Download  USB2412-DZK Download
File Size   643.32 Kbytes
Page   27 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 2-Port USB 2.0 Hi-Speed Hub Controller

USB2412-DZK Datasheet (PDF)

Go To PDF Page Download Datasheet
USB2412-DZK Datasheet PDF - SMSC Corporation

Part # USB2412-DZK
Download  USB2412-DZK Click to download

File Size   643.32 Kbytes
Page   27 Pages
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation
Description 2-Port USB 2.0 Hi-Speed Hub Controller

USB2412-DZK Datasheet (HTML) - SMSC Corporation


USB2412-DZK Product details

General Description
The SMSC USB2412 hub is a low-power, single transaction translator (STT) hub controller IC with two downstream ports for embedded USB applications. The SMSC hub controller supports low-speed, full-speed, and hi-speed (if operating as a hi-speed hub) downstream devices on all of the enabled downstream ports.

Features
■ Fully integrated USB termination and pull-up/pulldown resistors
■ Supports a single external 3.3 V supply source; internal regulators provide 1.2 V internal core voltage
■ On-chip 24 MHz crystal driver or external 24 MHz clock input
■ ESD protection up to 4 kilovolts on all USB pins
■ Supports self-powered operation
■ Contains a built-in default configuration; no external configuration options or components are required
■ Downstream ports as optional non-removable ports
■ Supports compound devices on a port-by-port basis
■ 28-pin QFN (5 x 5 mm) lead-free RoHS compliant package
■ Supports the commercial temperature range: 0ºC to +70ºC

Applications
■ Automobile/home audio systems
■ Cable/DSL modems
■ Embedded systems
■ Gaming consoles
■ HDD enclosures
■ IP telephony
■ KVM switches
■ LCD monitors and TVs
■ Multi-function USB peripherals
■ Mobile PC docking
■ PC motherboards
■ PC media drive bay
■ Portable hub boxes
■ Point-of-Sale (POS) systems
■ Printers and scanners
■ Server front panels
■ Set-top boxes, DVD players, DVR/PVR
■ Thin client terminals




Similar Part No. - USB2412-DZK

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
logo
Microchip Technology
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
logo
SMSC Corporation
USB2422-I/MJ SMSC-USB2422-I/MJ Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2422/MJ SMSC-USB2422/MJ Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2422T-I/MJ SMSC-USB2422T-I/MJ Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
More results


Similar Description - USB2412-DZK

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
USB2422 SMSC-USB2422 Datasheet
771Kb / 51P
2-Port USB 2.0 Hi-Speed Hub Controller
USB2532 SMSC-USB2532 Datasheet
880Kb / 60P
USB 2.0 Hi-Speed 2-Port Hub Controller
USB2533 SMSC-USB2533 Datasheet
891Kb / 61P
USB 2.0 Hi-Speed 3-Port Hub Controller
USB2534 SMSC-USB2534 Datasheet
889Kb / 62P
USB 2.0 Hi-Speed 4-Port Hub Controller
logo
Microchip Technology
USB2532 MICROCHIP-USB2532 Datasheet
535Kb / 50P
USB 2.0 Hi-Speed 2-Port Hub Controller
03/25/14
USB2533 MICROCHIP-USB2533 Datasheet
537Kb / 50P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB2534 MICROCHIP-USB2534 Datasheet
543Kb / 52P
USB 2.0 Hi-Speed 4-Port Hub Controller
03/25/14
USB3813 MICROCHIP-USB3813 Datasheet
522Kb / 57P
USB 2.0 Hi-Speed 3-Port Hub Controller
03/25/14
USB2422 MICROCHIP-USB2422 Datasheet
510Kb / 47P
2-Port USB 2.0 Hi-Speed Hub Controller
07/14/15
USB2517 MICROCHIP-USB2517 Datasheet
785Kb / 58P
USB 2.0 Hi-Speed 7-Port Hub Controller
07/14/15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com