Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX307EUI Datasheet (PDF) - Maxim Integrated Products

MAX307EUI Datasheet PDF - Maxim Integrated Products
Part # MAX307EUI
Download  MAX307EUI Download
File Size   317.1 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers

MAX307EUI Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX307EUI Datasheet PDF - Maxim Integrated Products

Part # MAX307EUI
Download  MAX307EUI Click to download

File Size   317.1 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers

MAX307EUI Datasheet (HTML) - Maxim Integrated Products


MAX307EUI Product details

General Description
The MAX306/MAX307 precision, monolithic, CMOS analog multiplexers (muxes) offer low on-resistance (less than 100Ω), which is matched to within 5Ω between channels and remains flat over the specified analog signal range (7Ω, max). They also offer low leakage over temperature (INO(OFF) less than 2.5nA at +85°C) and fast switching speeds (tTRANS less than 250ns). The MAX306 is a single-ended 1-of-16 device, and the MAX307 is a differential 2-of-8 device.

Benefts and Features
● Guaranteed On-Resistance Match Between Channels, < 5Ω Max
● Low On-Resistance, < 100Ω Max
● Guaranteed Flat On-Resistance Over Specified Signal Range, 7Ω Max
● Guaranteed Charge Injection, < 10pC
● INO(OFF) Leakage < 2.5nA at +85°C
● ICOM(OFF) Leakage < 20nA at +85°C
● ESD Protection > 2000V
● Plug-In Upgrade for Industry-Standard DG406/DG407/DG506A/DG507A
● Single-Supply Operation (+5V to +30V) Bipolar-Supply Operation (±4.5V to ±20V)
● Low Power Consumption, < 1.25mW
● Rail-to-Rail Signal Handling
● TTL/CMOS-Logic Compatible

Applications
● Sample-and-Hold Circuits
● Test Equipment
● Heads-Up Displays
● Guidance and Control Systems
● Military Radios
● Communications Systems
● Battery-Operated Systems PBX, PABX
● Audio Signal Routing




Similar Part No. - MAX307EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX307EPI MAXIM-MAX307EPI Datasheet
148Kb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX307EQI MAXIM-MAX307EQI Datasheet
148Kb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX307EWI MAXIM-MAX307EWI Datasheet
148Kb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
More results


Similar Description - MAX307EUI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX306 MAXIM-MAX306 Datasheet
148Kb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 0; 8/94
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
MAX306 MAXIM-MAX306_10 Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
22-Mar-10
logo
Maxim Integrated Produc...
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX306CPI MAXIM-MAX306CPI Datasheet
317Kb / 13P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
Rev 3; 3/10
MAX309EUE MAXIM-MAX309EUE Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
MAX306 MAXIM-MAX306_V01 Datasheet
1Mb / 12P
Precision, 16-Channel/Dual 8-Channel, High-Performance, CMOS Analog Multiplexers
19-0270; Rev 5; 3/16
MAX308 MAXIM-MAX308_V01 Datasheet
467Kb / 12P
Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 2; 8/02
logo
Vishay Siliconix
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
16-Dec-13
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com