Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX338ESE Datasheet (PDF) - Maxim Integrated Products

MAX338ESE Datasheet PDF - Maxim Integrated Products
Part # MAX338ESE
Download  MAX338ESE Download
File Size   155.43 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers

MAX338ESE Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX338ESE Datasheet PDF - Maxim Integrated Products

Part # MAX338ESE
Download  MAX338ESE Click to download

File Size   155.43 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers

MAX338ESE Datasheet (HTML) - Maxim Integrated Products


MAX338ESE Product details

General Description
The MAX338/MAX339 are monolithic, CMOS analog multiplexers (muxes). The 8-channel MAX338 is designed to connect one of eight inputs to a common output by control of a 3-bit binary address. The dual, 4-channel MAX339 is designed to connect one of four inputs to a common output by control of a 2-bit binary address. Both devices can be used as either a mux or a demux. On-resistance is 400Ω max, and the devices conduct current equally well in both directions.
These muxes feature extremely low off leakages (less than 20pA at +25°C), and extremely low on-channel leakages (less than 50pA at +25°C). The new design offers guaranteed low charge injection (1.5pC typ) and electrostatic discharge (ESD) protection greater than 2000V, per method 3015.7. These improved muxes are pin-compatible upgrades for the industry-standard DG508A and DG509A. For similar Maxim devices with lower leakage and charge injection but higher on-resistance, see the MAX328 and MAX329.
The MAX338/MAX339 operate from a single +4.5V to +30V supply or from dual supplies of ±4.5V to ±20V. All control inputs (whether address or enable) are TTL compatible (+0.8V to +2.4V) over the full specified temperature range and over the ±4.5V to ±18V supply range. These parts are fabricated with Maxim’s 44V silicon-gate process.

Features
♦ On-Resistance, <400Ω max
♦ Transition Time, <500ns
♦ On-Resistance Match, <10Ω
♦ NO-Off Leakage Current, <20pA at +25°C
♦ 1.5pC Charge Injection
♦ Single-Supply Operation (+4.5V to +30V)
   Bipolar-Supply Operation (±4.5V to ±20V)
♦ Plug-In Upgrade for Industry-Standard
   DG508A/DG509A
♦ Rail-to-Rail Signal Handling
♦ TTL/CMOS-Logic Compatible
♦ ESD Protection >2000V, per Method 3015.7

Applications
   Data-Acquisition Systems
   Sample-and-Hold Circuits
   Test Equipment
   Heads-Up Displays
   Military Radios
   Communications Systems
   Guidance and Control Systems
   PBX, PABX




Similar Part No. - MAX338ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX338EEE+ MAXIM-MAX338EEE+ Datasheet
155Kb / 13P
8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338EEE+ MAXIM-MAX338EEE+ Datasheet
1Mb / 13P
8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
MAX338ETE+ MAXIM-MAX338ETE+ Datasheet
155Kb / 13P
8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338ETE+ MAXIM-MAX338ETE+ Datasheet
1Mb / 13P
8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
More results


Similar Description - MAX338ESE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG408CJ MAXIM-DG408CJ Datasheet
374Kb / 12P
iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
MAX336 MAXIM-MAX336 Datasheet
170Kb / 12P
16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
19-1193; Rev 0; 4/97
DG408 MAXIM-DG408 Datasheet
152Kb / 12P
Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
20-Dec-10
logo
Maxim Integrated Produc...
MAX338_V4 MAXIM-MAX338_V4 Datasheet
155Kb / 13P
8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX336 MAXIM-MAX336_V01 Datasheet
1Mb / 12P
16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
19-1193; Rev 1; 10/14
MAX338 MAXIM-MAX338_V01 Datasheet
1Mb / 13P
8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
DG1208 MAXIM-DG1208 Datasheet
1Mb / 23P
Low-Leakage, Single 8-Channel and Dual 4-Channel, Analog Multiplexers
2021
logo
Vishay Siliconix
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
15-Dec-14
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com