Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX13050ESA Datasheet (PDF) - Maxim Integrated Products

MAX13050ESA Datasheet PDF - Maxim Integrated Products
Part # MAX13050ESA
Download  MAX13050ESA Download
File Size   298.3 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Industry-Standard High-Speed CAN Transceivers

MAX13050ESA Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX13050ESA Datasheet PDF - Maxim Integrated Products

Part # MAX13050ESA
Download  MAX13050ESA Click to download

File Size   298.3 Kbytes
Page   20 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Industry-Standard High-Speed CAN Transceivers

MAX13050ESA Datasheet (HTML) - Maxim Integrated Products


MAX13050ESA Product details

General Description
The MAX13050/MAX13052/MAX13053/MAX13054 are pin for-pin compatible, industry-standard, high-speed, control area network (CAN) transceivers with extended ±80V fault protection. These products are ideal industrial network applications where overvoltage protection is required.
These CAN transceivers provide a link between the CAN protocol controller and the physical wires of the bus lines in a CAN. These devices can be used for DeviceNet® applications, requiring data rates up to 1Mbps. The CAN transceivers have an input common-mode range greater than ±12V, exceeding the ISO11898 specification of -2V to +7V, and feature ±8kV ESD protection, making these devices ideal for harsh industrial environments.
The CAN transceivers provide a dominant timeout function that prevents erroneous CAN controllers from clamping the bus to a dominant level if the TXD input is held low for greater than 1ms. The MAX13050/MAX13052 provide a SPLIT pin used to stabilize the recessive common mode voltage. The MAX13052 also has a slope-control mode that can be used to program the slew rate of the transmitter for data rates of up to 500kbps. The MAX13053 features a silent mode that disables the transmitter. The MAX13053 also has a reference output that can be used to bias the input of older CAN controllers that have a differential comparator. The MAX13054 has a separate dedicated logic input, VCC2, allowing interfacing with a +3.3V microcontroller.
The MAX13050/MAX13052/MAX13053/MAX13054 are available in an 8-pin SO package and are specified to operate in the -40°C to +85°C and the -40°C to +125°C temperature ranges.

Features
♦ Fully Compatible with the ISO11898 Standard
♦ ±8kV ESD IEC 61000-4-2 Contact Discharge per IBEE Test Facility
♦ ±80V Fault Protection
♦ +3.3V Logic Compatible (MAX13054)
♦ High-Speed Operation of Up to 1Mbps
♦ Slope-Control Mode (MAX13052)
♦ Greater than ±12V Common-Mode Range
♦ Low-Current Standby Mode
♦ Silent Mode (MAX13053)
♦ Thermal Shutdown
♦ Short-Circuit Protection
♦ Transmit (TXD) Data Dominant Timeout
♦ Current Limiting
♦ SPLIT Pin (MAX13050/MAX13052)

Applications
  DeviceNet Nodes
  Industrial
  Medium- and Heavy-Duty Truck Systems




Similar Part No. - MAX13050ESA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13050ESA MAXIM-MAX13050ESA Datasheet
334Kb / 20P
Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
MAX13050ESA MAXIM-MAX13050ESA Datasheet
298Kb / 20P
Industry-Standard High-Speed CAN Transceivers with 80,-80V Fault Protection
Rev 1; 2/13
More results


Similar Description - MAX13050ESA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC031Q TI-SN65LBC031Q Datasheet
141Kb / 10P
HIGH-SPEED CONTROLLER AREA NETWORK CAN TRANSCEIVERS
logo
Agilent(Hewlett-Packard...
HFBR-5111 HP-HFBR-5111 Datasheet
287Kb / 15P
Low Cost, Industry Standard FDDI MIC Transceivers
logo
Texas Instruments
SN65LBC031 TI-SN65LBC031 Datasheet
152Kb / 11P
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
logo
Maxim Integrated Produc...
MAX13050 MAXIM-MAX13050 Datasheet
334Kb / 20P
Industry-Standard High-Speed CAN Transceivers with 짹80V Fault Protection
Rev 0; 2/05
logo
List of Unclassifed Man...
SHM-4860 ETC2-SHM-4860 Datasheet
44Kb / 3P
Industry-Standard, High-Speed 짹0.01% Sample-Hold Amplifiers
logo
Murata Power Solutions ...
SHM-4860 MURATA-PS-SHM-4860 Datasheet
143Kb / 4P
Industry-Standard, High-Speed 짹0.01% Sample-Hold Amplifiers
logo
Maxim Integrated Produc...
MAX13050ASA MAXIM-MAX13050ASA Datasheet
298Kb / 20P
Industry-Standard High-Speed CAN Transceivers with 80,-80V Fault Protection
Rev 1; 2/13
logo
Texas Instruments
SN75LBC031D TI1-SN75LBC031D Datasheet
825Kb / 17P
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SN65LBC031 TI1-SN65LBC031_14 Datasheet
831Kb / 17P
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
logo
DATEL, Inc.
SHM-4860 DATEL-SHM-4860 Datasheet
148Kb / 3P
Industry-Standard, High-Speed 짹0.01% Sample-Hold Amplifi ers
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com