Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS13985 Datasheet (PDF) - ams AG

AS13985 Datasheet PDF - ams AG
Part # AS13985_04
Download  AS13985 Download
File Size   866.36 Kbytes
Page   13 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Micropower 150mA Low-Noise LDO

AS13985 Datasheet (PDF)

Go To PDF Page Download Datasheet
AS13985 Datasheet PDF - ams AG

Part # AS13985_04
Download  AS13985 Click to download

File Size   866.36 Kbytes
Page   13 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description Micropower 150mA Low-Noise LDO

AS13985 Datasheet (HTML) - ams AG




Similar Part No. - AS13985_04

ManufacturerPart #DatasheetDescription
logo
ams AG
AS13985F12-T AMSCO-AS13985F12-T Datasheet
463Kb / 12P
Micropower 150mA Low-Noise LDO
AS13985F18-T AMSCO-AS13985F18-T Datasheet
463Kb / 12P
Micropower 150mA Low-Noise LDO
AS13985F27-T AMSCO-AS13985F27-T Datasheet
463Kb / 12P
Micropower 150mA Low-Noise LDO
AS13985F28-T AMSCO-AS13985F28-T Datasheet
463Kb / 12P
Micropower 150mA Low-Noise LDO
AS13985F29-T AMSCO-AS13985F29-T Datasheet
463Kb / 12P
Micropower 150mA Low-Noise LDO
More results


Similar Description - AS13985_04

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CMPWR161 CALMIRCO-CMPWR161 Datasheet
202Kb / 8P
Micropower, Low Noise 4.75V/150mA LDO Regulator
logo
ams AG
AS13985 AMSCO-AS13985 Datasheet
337Kb / 2P
Micropower 150mA Low-Noise LDO
logo
Linear Technology
LT1762 LINER-LT1762 Datasheet
229Kb / 16P
150mA, Low Noise, LDO Micropower Regulators
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
150mA LOW-NOISE LDO REGULATOR
logo
ams AG
AS13985 AMSCO-AS13985_1 Datasheet
463Kb / 12P
Micropower 150mA Low-Noise LDO
logo
Linear Technology
LT1762 LINER-LT1762_15 Datasheet
425Kb / 16P
150mA, Low Noise, LDO Micropower Regulators
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
RP130X RICOH-RP130X Datasheet
510Kb / 32P
LOW NOISE 150mA LDO REGULATOR
April 1, 2012
logo
Unisonic Technologies
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
LOW NOISE 150mA LDO REGULATOR
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com