Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCS3472 Datasheet (PDF) - ams AG

TCS3472 Datasheet PDF - ams AG
Part # TCS3472
Download  TCS3472 Download
File Size   1373.33 Kbytes
Page   27 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER

TCS3472 Datasheet (PDF)

Go To PDF Page Download Datasheet
TCS3472 Datasheet PDF - ams AG

Part # TCS3472
Download  TCS3472 Click to download

File Size   1373.33 Kbytes
Page   27 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER

TCS3472 Datasheet (HTML) - ams AG


TCS3472 Product details

General Description
The TCS3472 device provides a digital return of red, green, blue (RGB), and clear light sensing values. An IR blocking filter, integrated on-chip and localized to the color sensing photodiodes, minimizes the IR spectral component of the incoming light and allows color measurements to be made accurately. The high sensitivity, wide dynamic range, and IR blocking filter make the TCS3472 an ideal color sensor solution for use under varying lighting conditions and through attenuating materials.
The TCS3472 color sensor has a wide range of applications including RGB LED backlight control, solid-state lighting, health/fitness products, industrial process controls and medical diagnostic equipment. In addition, the IR blocking filter enables the TCS3472 to perform ambient light sensing (ALS). Ambient light sensing is widely used in display-based products such as cell phones, notebooks, and TVs to sense the lighting environment and enable automatic display brightness for optimal viewing and power savings. The TCS3472, itself, can enter a lower-power wait state between light sensing measurements to further reduce the average power consumption.

Features
• Red, Green, Blue (RGB), and Clear Light
• Sensing with IR blocking filter
• Programmable analog gain and integration time
• 3,800,000:1 dynamic range
• Very high sensitivity - ideally suited for operation behind dark glass
• Maskable interrupt
• Programmable upper and lower thresholds with persistence filter

• Power management
• Low power - 2.5μA sleep state
• 65μA wait state with programmable wait state time from 2.4ms to > 7 seconds
• I²C fast mode compatible interface
• Data rates up to 400 kbit/s
• Input voltage levels compatible with VDD or 1.8 VBUS
• Register set and pin compatible with the TCS3x71 series
• Small 2mm x 2.4mm dual flat no-lead
• FN package

Applications
The applications of TCS3472 include:
   • RGB LED backlight control
   • Light color temperature measurement
   • Ambient light sensing for display backlight control
   • Fluid and gas analysis
   • Product color verification and sorting




Similar Part No. - TCS3472

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
TCS3472 OSRAM-TCS3472 Datasheet
1Mb / 41P
Color Light-to-Digital Converter with IR Filter
v1-04 2020-Apr-10
logo
ams AG
TCS34721 AMSCO-TCS34721 Datasheet
1Mb / 40P
Red, Green, Blue (RGB), and Clear Light
TCS34723 AMSCO-TCS34723 Datasheet
1Mb / 40P
Red, Green, Blue (RGB), and Clear Light
TCS34725 AMSCO-TCS34725 Datasheet
1Mb / 40P
Red, Green, Blue (RGB), and Clear Light
logo
OSRAM GmbH
TCS34725 OSRAM-TCS34725 Datasheet
1Mb / 41P
Color Light-to-Digital Converter with IR Filter
v1-04 2020-Apr-10
More results


Similar Description - TCS3472

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TCS3471 TAOS-TCS3471 Datasheet
217Kb / 22P
COLOR LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TCS3471 AMSCO-TCS3471 Datasheet
1Mb / 23P
COLOR LIGHT-TO-DIGITAL CONVERTER
TCS3771 AMSCO-TCS3771 Datasheet
1Mb / 33P
COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
TCS3772 AMSCO-TCS3772 Datasheet
1Mb / 33P
COLOR LIGHT-TO-DIGITAL CONVERTER with PROXIMITY SENSING
logo
List of Unclassifed Man...
TCS34727FN ETC2-TCS34727FN Datasheet
1Mb / 27P
COLOR LIGHT-TO-DIGITAL CONVERTER with IR FILTER
logo
TEXAS ADVANCED OPTOELEC...
TCS37717 TAOS-TCS37717 Datasheet
1Mb / 48P
Color Light-To-Digital Converter
TMD37821 TAOS-TMD37821 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
TMD37823 TAOS-TMD37823 Datasheet
600Kb / 34P
Color Light-To-Digital Converter with Proximity Sensing
logo
ams AG
TCS3490 AMSCO-TCS3490 Datasheet
714Kb / 34P
Color Light-to-Digital Converter
TCS3471 AMSCO-TCS3471_V01 Datasheet
571Kb / 38P
Color Light-to-Digital Converter
2018-Mar-27
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com