Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT17C512A Datasheet (PDF) - ATMEL Corporation

AT17C512A Datasheet PDF - ATMEL Corporation
Part # AT17C512A
Download  AT17C512A Download
File Size   134.5 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description FPGA Serial Configuration Memories

AT17C512A Datasheet (PDF)

Go To PDF Page Download Datasheet
AT17C512A Datasheet PDF - ATMEL Corporation

Part # AT17C512A
Download  AT17C512A Click to download

File Size   134.5 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description FPGA Serial Configuration Memories

AT17C512A Datasheet (HTML) - ATMEL Corporation


AT17C512A Product details

Description
The AT17C512A/010A and AT17LV512A/010A (high-density AT17A Series) FPGA Configuration EEPROMs (Configurators) provide an easy-to-use, cost-effective configuration memory for programming Altera FLEX® devices. The AT17C512A/LV512A devices are packaged in the popular 8-lead PDIP and the 20-lead PLCC; the AT17C010A/LV010A are packaged in the popular 8-lead PDIP, the 20-lead PLCC and the 32-lead TQFP. The AT17A Series family uses a simple serial-access procedure to configure one or more FPGA devices.

Features
• Serial EEPROM Family for Configuring Altera FLEX® Devices
• Simple Interface to SRAM FPGAs
• EE Programmable 512-Kbit and 1-Mbit Serial Memories Designed to Store Configuration Programs for Field Programmable Gate Arrays (FPGAs)
• Cascadable Read Back to Support Additional Configurations or Future Higher-density Arrays
• Low-power CMOS EEPROM Process
• Programmable Reset Polarity
• Available in the Space-efficient Surface-mount PLCC and PDIP Packages for the 512-Kbit device and PLCC, PDIP and TQFP Packages for the 1-Mbit Device
• In-System Programmable via 2-wire Bus
• Emulation of Atmel’s AT24CXXX Serial EEPROMs
• Available in 3.3V ± 10% LV and 5V ± 5% C Versions
• System-friendly READY Pin




Similar Part No. - AT17C512A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C512A ATMEL-AT17C512A Datasheet
242Kb / 14P
FPGA Configuration EEPROM Memory
More results


Similar Description - AT17C512A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT17C65 ATMEL-AT17C65 Datasheet
149Kb / 10P
FPGA Configuration E2PROM
AT17N256 ATMEL-AT17N256 Datasheet
205Kb / 18P
FPGA Configuration Memory
AT17F040 ATMEL-AT17F040 Datasheet
307Kb / 19P
FPGA CONFIGURATION FLASH MEMORY
AT17LV010-10DP ATMEL-AT17LV010-10DP Datasheet
161Kb / 11P
Space FPGA Configuration EEPROM
AT17F16A ATMEL-AT17F16A Datasheet
210Kb / 15P
FPGA Configuration Flash Memory
AT17N256 ATMEL-AT17N256_07 Datasheet
308Kb / 18P
FPGA Configuration Memory
AT17F16A ATMEL-AT17F16A Datasheet
290Kb / 16P
FPGA Configuration Flash Memory
AT17LV512A-10PU ATMEL-AT17LV512A-10PU Datasheet
338Kb / 18P
FPGA Configuration EEPROM Memory
AT17LV65A ATMEL-AT17LV65A_14 Datasheet
469Kb / 16P
FPGA Configuration EEPROM Memory
AT17C65A-10JC ATMEL-AT17C65A-10JC Datasheet
162Kb / 11P
FPGA Configuration EEPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com