Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C164 Datasheet (PDF) - ATMEL Corporation

AT24C164 Datasheet PDF - ATMEL Corporation
Part # AT24C164
Download  AT24C164 Download
File Size   188.99 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Wire Serial EEPROM

AT24C164 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT24C164 Datasheet PDF - ATMEL Corporation

Part # AT24C164
Download  AT24C164 Click to download

File Size   188.99 Kbytes
Page   11 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 2-Wire Serial EEPROM

AT24C164 Datasheet (HTML) - ATMEL Corporation


AT24C164 Product details

Description

The AT24C164 provides 16,384 bits of serial electrically erasable and programmable read only memory (EEPROM) organized as 2048 words of 8 bits each. The device’s cascadable feature allows up to eight devices to share a common 2-wire bus. The device is optimized for use in many industrial and commercial applications where low power and low voltage operation are essential. The AT24C164 is available in space saving 8-pin PDIP and 8-pin SOIC packages and is accessed via a 2-wire serial interface. In addition, this device is available in 5.0V (4.5V to 5.5V), 2.7V (2.7V to 5.5V), 2.5V (2.5V to 5.5V) and 1.8V (1.8V to 5.5V) versions.



Features

• Low Voltage and Standard Voltage Operation

   – 5.0 (VCC = 4.5V to 5.5V)

   – 2.7 (VCC = 2.7V to 5.5V)

   – 2.5 (VCC = 2.5V to 5.5V)

   – 1.8 (VCC = 1.8V to 5.5V)

• Internally Organized 2048 x 8 (16K)

• 2-Wire Serial Interface

• Schmitt Trigger, Filtered Inputs for Noise Suppression

• Bidirectional Data Transfer Protocol

• 100 KHz (1.8V, 2.5V, 2.7V) and 400 KHz (5V) Compatibility

• Write Protect Pin for Hardware Data Protection

• Cascadable Feature Allows for Extended Densities

• 16-Byte Page Write Mode

• Partial Page Writes Are Allowed

• Self-Timed Write Cycle (10 ms max)

• High Reliability

   – Endurance: 1 Million Write Cycles

   – Data Retention: 100 Years

   – ESD Protection: >3,000V

• Automotive Grade and Extended Temperature Devices Available

• 8-Pin JEDEC SOIC and 8-Pin PDIP Packages



 




Similar Part No. - AT24C164

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C164-10PU-1.8 ATMEL-AT24C164-10PU-1.8 Datasheet
441Kb / 17P
Two-Wire Serial EEPROM 16K (2048 x 8)
AT24C164-10PU-2.7 ATMEL-AT24C164-10PU-2.7 Datasheet
441Kb / 17P
Two-Wire Serial EEPROM 16K (2048 x 8)
AT24C164-10SU-1.8 ATMEL-AT24C164-10SU-1.8 Datasheet
441Kb / 17P
Two-Wire Serial EEPROM 16K (2048 x 8)
AT24C164-10SU-2.7 ATMEL-AT24C164-10SU-2.7 Datasheet
441Kb / 17P
Two-Wire Serial EEPROM 16K (2048 x 8)
AT24C164-W1.8-11 ATMEL-AT24C164-W1.8-11 Datasheet
441Kb / 17P
Two-Wire Serial EEPROM 16K (2048 x 8)
More results


Similar Description - AT24C164

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01 ATMEL-AT24C01 Datasheet
153Kb / 10P
2-Wire Serial EEPROM
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
2-Wire Serial EEPROM
AT24C02A ATMEL-AT24C02A Datasheet
182Kb / 13P
2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21 Datasheet
252Kb / 13P
2-Wire Serial EEPROM
AT24C32 ATMEL-AT24C32 Datasheet
237Kb / 15P
2-Wire Serial EEPROM
AT24C512 ATMEL-AT24C512 Datasheet
249Kb / 12P
2-wire Serial EEPROM
AT24C32 ATMEL-AT24C32_03 Datasheet
207Kb / 19P
2-Wire Serial EEPROM
AT24C21 ATMEL-AT24C21_03 Datasheet
223Kb / 17P
2-wire Serial EEPROM
AT24C32C ATMEL-AT24C32C Datasheet
432Kb / 21P
2-Wire Serial EEPROM
logo
GTM CORPORATION
GP24BC01 GTM-GP24BC01 Datasheet
264Kb / 9P
2-WIRE SERIAL EEPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com