Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24RF08 Datasheet (PDF) - ATMEL Corporation

AT24RF08 Datasheet PDF - ATMEL Corporation
Part # AT24RF08
Download  AT24RF08 Download
File Size   61.94 Kbytes
Page   1 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 1K x 8 Dual Access EEPROM with RFID and Serial Interfaces

AT24RF08 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT24RF08 Datasheet PDF - ATMEL Corporation

Part # AT24RF08
Download  AT24RF08 Click to download

File Size   61.94 Kbytes
Page   1 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 1K x 8 Dual Access EEPROM with RFID and Serial Interfaces

AT24RF08 Datasheet (HTML) - ATMEL Corporation


AT24RF08 Product details

Description
The chip functions as Dual Access EEPROM, with both a wired serial port and a wireless RFID port used to access the memory. Access permissions are set from the serial inteface side to isolate blocks of memory from improper access depending on the situation. The RFID interface is designed to be powered solely from the attached coil, permitting remote reads and writes of the device.

Features
• Dual-Port Nonvolatile Memory - RFID and Serial
• Two-Wire Serial Interface:
    – Compatible with AT24C08, and similar products from others
    – Supports standard byte and page read/write commands
    – Programmable Access Protection to limit reads or writes from either port
    – Coil connection detection
• RFID Interface:
    – 125 kHz carrier frequency for long range access
    – 2-wire connection to external coil antenna and tuning capacitor
    – Multi-tag management to handle several tags in the field at once
    – 11 RFID commands for tag control and memory read/write
    – Ultra low power single bit write - 20µA
• Highly-Reliable EEPROM Memory
    – 8K bits (1K bytes)
    – Organized as 8 blocks of 128 bytes each
    – 16-byte page write, 10ms write time
    – Additional memory for access protection and ID number
    – 10 years retention, 100K write cycle endurance
    – -40° to +85° operation
• Standard 8-lead SOIC package
• 2.4 to 5.5V Supply Voltage




Similar Part No. - AT24RF08

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24RF08C ATMEL-AT24RF08C Datasheet
417Kb / 21P
Asset Identification EEPROM
AT24RF08CN-10SC ATMEL-AT24RF08CN-10SC Datasheet
417Kb / 21P
Asset Identification EEPROM
More results


Similar Description - AT24RF08

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCB2421 PHILIPS-PCB2421 Datasheet
112Kb / 24P
1K dual mode serial EEPROM
1997 Apr 01
logo
STMicroelectronics
ST24 STMICROELECTRONICS-ST24 Datasheet
146Kb / 16P
SERIAL 1K 128 x 8 EEPROM
Nov-1997
ST93C46A STMICROELECTRONICS-ST93C46A Datasheet
111Kb / 13P
1K 64 x 16 or 128 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93CS46 STMICROELECTRONICS-ST93CS46 Datasheet
124Kb / 16P
1K 64 x 16 SERIAL MICROWIRE EEPROM
Jun-1997
ST95P02 STMICROELECTRONICS-ST95P02 Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 2K 256 x 8 EEPROM
Jun-1996
ST95P04 STMICROELECTRONICS-ST95P04 Datasheet
151Kb / 16P
SERIAL ACCESS SPI BUS 4K 512 x 8 EEPROM
Jun-1996
logo
List of Unclassifed Man...
AM24LC21B ETC-AM24LC21B Datasheet
219Kb / 13P
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
AM24LC21 ETC-AM24LC21 Datasheet
220Kb / 13P
Dual Mode, 1K-bits (128 x 8) 2-Wire Serial EEPROM
logo
ATMEL Corporation
AT24C01B ATMEL-AT24C01B_08 Datasheet
634Kb / 25P
Two-wire Serial EEPROM 1K (128 x 8)
AT93C46D ATMEL-AT93C46D_08 Datasheet
512Kb / 21P
Three-wire Serial EEPROM 1K (128 x 8 or 64 x 16)
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com