Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25128 Datasheet (PDF) - ATMEL Corporation

AT25128 Datasheet PDF - ATMEL Corporation
Part # AT25128
Download  AT25128 Download
File Size   230.39 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Serial EEPROMs

AT25128 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25128 Datasheet PDF - ATMEL Corporation

Part # AT25128
Download  AT25128 Click to download

File Size   230.39 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Serial EEPROMs

AT25128 Datasheet (HTML) - ATMEL Corporation


AT25128 Product details

Description
The AT25128/256 provides 131,072/262,144 bits of serial electrically-erasable programmable read only memory (EEPROM) organized as 16,384/32,768 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-voltage operation are essential. The devices are available in space saving 8-lead PDIP (AT25128/256), 8-lead EIAJ SOIC (AT25128/256), 8-lead and 16-lead JEDEC SOIC (AT25128), 14-lead TSSOP (AT25128), 20-lead TSSOP (AT25128/256), and 8-lead Leadless Array (AT25256) packages. In addition, the entire family is available in 2.7V (2.7V to 5.5V) and 1.8V (1.8V to 5.5V) versions.

Features
• Serial Peripheral Interface (SPI) Compatible
• Supports SPI Modes 0 (0,0) and 3 (1,1)
• Low-voltage and Standard-voltage Operation
   – 2.7 (VCC = 2.7V to 5.5V)
   – 1.8 (VCC = 1.8V to 5.5V)
• 3 MHz Clock Rate
• 64-byte Page Mode and Byte Write Operation
• Block Write Protection
   – Protect 1/4, 1/2, or Entire Array
• Write Protect (WP) Pin and Write Disable Instructions for Both Hardware and Software Data Protection
• Self-timed Write Cycle (5 ms Typical)
• High-reliability
   – Endurance: 100,000 Write Cycles
   – Data Retention: >200 Years
• Automotive Grade, Extended Temperature and Lead-Free Devices Available
• 8-lead PDIP, 8-lead EIAJ SOIC, 8-lead and 16-lead JEDEC SOIC, 14-lead and 20-lead TSSOP, and 8-lead Leadless Array Packages




Similar Part No. - AT25128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25128 ATMEL-AT25128 Datasheet
178Kb / 12P
SPI Serial E2PROMs
AT25128 ATMEL-AT25128 Datasheet
432Kb / 22P
SPI Serial EEPROMs
AT25128-10PC ATMEL-AT25128-10PC Datasheet
178Kb / 12P
SPI Serial E2PROMs
AT25128-10PC-1.8 ATMEL-AT25128-10PC-1.8 Datasheet
178Kb / 12P
SPI Serial E2PROMs
AT25128-10PC-2.7 ATMEL-AT25128-10PC-2.7 Datasheet
178Kb / 12P
SPI Serial E2PROMs
More results


Similar Description - AT25128

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25010 ATMEL-AT25010 Datasheet
165Kb / 15P
SPI Serial EEPROMs
AT25080 ATMEL-AT25080 Datasheet
172Kb / 16P
SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256 Datasheet
178Kb / 15P
SPI Serial EEPROMs
AT25640A ATMEL-AT25640A Datasheet
388Kb / 20P
SPI Serial EEPROMs
AT25010 ATMEL-AT25010_03 Datasheet
155Kb / 17P
SPI Serial EEPROMs
AT25080 ATMEL-AT25080_03 Datasheet
331Kb / 21P
SPI Serial EEPROMs
AT25128 ATMEL-AT25128_05 Datasheet
432Kb / 22P
SPI Serial EEPROMs
AT25HP256 ATMEL-AT25HP256_06 Datasheet
414Kb / 21P
SPI Serial EEPROMs
AT25080A ATMEL-AT25080A_07 Datasheet
448Kb / 24P
SPI Serial EEPROMs
AT25128A ATMEL-AT25128A_05 Datasheet
437Kb / 21P
SPI Serial EEPROMs
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com