Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL252R Datasheet (PDF) - ams AG

TSL252R Datasheet PDF - ams AG
Part # TSL252R
Download  TSL252R Download
File Size   601.0 Kbytes
Page   11 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description LIGHT-TO-VOLTAGE OPTICAL SENSORS

TSL252R Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL252R Datasheet PDF - ams AG

Part # TSL252R
Download  TSL252R Click to download

File Size   601.0 Kbytes
Page   11 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description LIGHT-TO-VOLTAGE OPTICAL SENSORS

TSL252R Datasheet (HTML) - ams AG


TSL252R Product details

Description
The TSL250R, TSL251R, and TSL252R are light-to-voltage optical sensors, each combining a photodiode and a transimpedance amplifier (feedback resistor = 16 MΩ, 8 MΩ, and 2.8 MΩ respectively) on a single monolithic IC. Output voltage is directly proportional to the light intensity (irradiance) on the photodiode. These devices have improved amplifier offset-voltage stability and low power consumption and are supplied in a 3-lead clear plastic sidelooker package with an integral lens. When supplied in the lead (Pb) free package, the device is RoHS compliant.

● Monolithic Silicon IC Containing Photodiode, Operational Amplifier, and Feedback Components
● Converts Light Intensity to a Voltage
● High Irradiance Responsivity, Typically 137 mV/(μW/cm2) at λp = 635 nm (TSL250R)
● Compact 3-Lead Clear Plastic Package
● Single Voltage Supply Operation
● Low Dark (Offset) Voltage....10 mV Max
● Low Supply Current......1.1 mA Typical
● Wide Supply-Voltage Range.... 2.7 V to 5.5 V
● Replacements for TSL250, TSL251, and TSL252
● RoHS Compliant (−LF Package Only)




Similar Part No. - TSL252R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL252R ETC-TSL252R Datasheet
95Kb / 8P
LIGHTTOVOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL252R TAOS-TSL252R Datasheet
162Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL252R AMSCO-TSL252R Datasheet
601Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL252R AMSCO-TSL252R Datasheet
232Kb / 20P
Light-to-Voltage Optical Sensors
2016-May-30
logo
TEXAS ADVANCED OPTOELEC...
TSL252R-LF TAOS-TSL252R-LF Datasheet
162Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
More results


Similar Description - TSL252R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL250R ETC-TSL250R Datasheet
95Kb / 8P
LIGHTTOVOLTAGE OPTICAL SENSORS
TSL260 ETC-TSL260 Datasheet
135Kb / 10P
IR LIGHTTOVOLTAGE OPTICAL SENSORS
logo
Texas Instruments
TSL250 TI-TSL250 Datasheet
91Kb / 6P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
TEXAS ADVANCED OPTOELEC...
TSL250R TAOS-TSL250R Datasheet
162Kb / 10P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250RD TAOS-TSL250RD Datasheet
189Kb / 12P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL260R TAOS-TSL260R Datasheet
209Kb / 14P
INFRARED LIGHT-TO-VOLTAGE OPTICAL SENSORS
logo
ams AG
TSL250RD AMSCO-TSL250RD Datasheet
627Kb / 13P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL252 AMSCO-TSL252 Datasheet
601Kb / 11P
LIGHT-TO-VOLTAGE OPTICAL SENSORS
TSL250R AMSCO-TSL250R_V01 Datasheet
232Kb / 20P
Light-to-Voltage Optical Sensors
2016-May-30
logo
Texas Instruments
TSL260 TI1-TSL260 Datasheet
133Kb / 9P
IR LIGHT-TO-VOLTAGE OPTICAL SENSORS
1996
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com