Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2550 Datasheet (PDF) - ams AG

TSL2550 Datasheet PDF - ams AG
Part # TSL2550
Download  TSL2550 Download
File Size   703.22 Kbytes
Page   21 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description AMBIENT LIGHT SENSOR WITH SMBus INTERFACE

TSL2550 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL2550 Datasheet PDF - ams AG

Part # TSL2550
Download  TSL2550 Click to download

File Size   703.22 Kbytes
Page   21 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description AMBIENT LIGHT SENSOR WITH SMBus INTERFACE

TSL2550 Datasheet (HTML) - ams AG


TSL2550 Product details

Description
The TSL2550 is a digital-output light sensor with a two-wire, SMBus serial interface. It combines two photodiodes and a companding analog-to-digital converter (ADC) on a single CMOS integrated circuit to provide light measurements over an effective 12-bit dynamic range with a response similar to that of the human eye.

● Converts Light Intensity to Digital Signal
● Infrared Compensation to Approximate Human Eye Response
● Companding A/D for Wide Dynamic Range
● Rejects 50 Hz/60 Hz Lighting Ripple
● Two-Wire SMBus Serial Interface
● Single Supply Operation (2.7 V to 5.5 V)
● Low Active Power (1 mW typ)
● Power Down Mode
● Low-Profile Surface-Mount Packages
● RoHS Compliant




Similar Part No. - TSL2550

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL2550 ETC-TSL2550 Datasheet
147Kb / 14P
AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
logo
TEXAS ADVANCED OPTOELEC...
TSL2550 TAOS-TSL2550 Datasheet
272Kb / 20P
AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
TSL2550D TAOS-TSL2550D Datasheet
272Kb / 20P
AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
TSL2550T TAOS-TSL2550T Datasheet
272Kb / 20P
AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
More results


Similar Description - TSL2550

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSL2550 ETC-TSL2550 Datasheet
147Kb / 14P
AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
logo
TEXAS ADVANCED OPTOELEC...
TSL2550 TAOS-TSL2550 Datasheet
272Kb / 20P
AMBIENT LIGHT SENSOR WITH SMBus INTERFACE
logo
ON Semiconductor
NOA1302 ONSEMI-NOA1302 Datasheet
226Kb / 9P
Ambient Light Sensor with I2C Interface
August, 2009 ??Rev. 1
logo
Microsemi Corporation
LX1977 MICROSEMI-LX1977 Datasheet
527Kb / 23P
SMBus Ambient Light Sensor
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9303 AVAGO-APDS-9303 Datasheet
771Kb / 21P
Miniature Ambient Light Photo Sensor with Digital (SMBus) Output
logo
ON Semiconductor
LV0104CS ONSEMI-LV0104CS Datasheet
225Kb / 9P
Ambient Light Sensor, I2C Interface
April 2015- Rev. 2
logo
AMIC Technology
ASR8601 AMICC-ASR8601 Datasheet
40Kb / 1P
Ambient Light Sensor with I2C digital interface
logo
Broadcom Corporation.
APDS-9303 BOARDCOM-APDS-9303 Datasheet
771Kb / 21P
Miniature Ambient Light Photo Sensor with Digital (SMBus) Output
logo
Everlight Electronics C...
EAAPMST3923A2 EVERLIGHT-EAAPMST3923A2 Datasheet
836Kb / 20P
Ambient Light Sensor and Proximity Sensor with I2C Interface
EAAPMST3923A3 EVERLIGHT-EAAPMST3923A3 Datasheet
726Kb / 23P
Ambient Light Sensor and Proximity Sensor with I2C Interface
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com