Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSL2571 Datasheet (PDF) - ams AG

TSL2571 Datasheet PDF - ams AG
Part # TSL2571
Download  TSL2571 Download
File Size   706.67 Kbytes
Page   25 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description LIGHT-TO-DIGITAL CONVERTER

TSL2571 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSL2571 Datasheet PDF - ams AG

Part # TSL2571
Download  TSL2571 Click to download

File Size   706.67 Kbytes
Page   25 Pages
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG
Description LIGHT-TO-DIGITAL CONVERTER

TSL2571 Datasheet (HTML) - ams AG


TSL2571 Product details

Description
The TSL2571 family of devices provides ambient light sensing (ALS) that approximates human eye response to light intensity under a variety of lighting conditions and through a variety of attenuation materials. While useful for general purpose light sensing, the device is particularly useful for display management with the purpose of extending battery life and providing optimum viewing in diverse lighting conditions. Display panel and keyboard backlighting can account for up to 30 to 40 percent of total platform power. The ALS features are ideal for use in notebook PCs, LCD monitors, flat-panel televisions, and cell phones.

Features
● Ambient Light Sensing (ALS)
   − Approximates Human Eye Response
   − Programmable Analog Gain
   − Programmable Integration Time
   − Programmable Interrupt Function with Upper and Lower Threshold
   − Resolution Up to 16 Bits
   − Very High Sensitivity — Operates Well Behind Darkened Glass
   − Up to 1,000,000:1 Dynamic Range
● Programmable Wait Timer<
   − Programmable from 2.72 ms to > 8 Seconds
   − Wait State — 65 μA Typical Current
● I2C Interface Compatible
   − Up to 400 kHz (I2C Fast Mode)
   − Dedicated Interrupt Pin
● Small 2 mm x 2 mm ODFN Package
● Sleep Mode — 2.5 μA Typical Current

Applications
● Display Management
● Backlight Control
● Portable Device Power Optimization
● Cell Phones, PDA, GPS
● Notebooks and Monitors
● LCD TVs




Similar Part No. - TSL2571

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL2571 TAOS-TSL2571 Datasheet
221Kb / 24P
LIGHT-TO-DIGITAL CONVERTER
logo
OSRAM GmbH
TSL2571 OSRAM-TSL2571 Datasheet
930Kb / 39P
Light-to-Digital Converter
v1-01 2018-Mar-27
logo
TEXAS ADVANCED OPTOELEC...
TSL25711 TAOS-TSL25711 Datasheet
221Kb / 24P
LIGHT-TO-DIGITAL CONVERTER
logo
OSRAM GmbH
TSL25711 OSRAM-TSL25711 Datasheet
930Kb / 39P
Light-to-Digital Converter
v1-01 2018-Mar-27
TSL25711FN OSRAM-TSL25711FN Datasheet
930Kb / 39P
Light-to-Digital Converter
v1-01 2018-Mar-27
More results


Similar Description - TSL2571

ManufacturerPart #DatasheetDescription
logo
TEXAS ADVANCED OPTOELEC...
TSL2568 TAOS-TSL2568 Datasheet
395Kb / 36P
LIGHT-TO-DIGITAL CONVERTER
TSL2571 TAOS-TSL2571 Datasheet
221Kb / 24P
LIGHT-TO-DIGITAL CONVERTER
TSL2580 TAOS-TSL2580 Datasheet
354Kb / 34P
LIGHT-TO-DIGITAL CONVERTER
TSL2581 TAOS-TSL2581 Datasheet
272Kb / 32P
LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL2569 AMSCO-TSL2569 Datasheet
791Kb / 37P
LIGHT-TO-DIGITAL CONVERTER
TSL2572 AMSCO-TSL2572 Datasheet
747Kb / 25P
LIGHT-TO-DIGITAL CONVERTER
TSL2583 AMSCO-TSL2583 Datasheet
764Kb / 33P
LIGHT-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
TSL2583FN ETC2-TSL2583FN Datasheet
764Kb / 33P
LIGHT-TO-DIGITAL CONVERTER
TSL25723FN ETC2-TSL25723FN Datasheet
282Kb / 24P
LIGHT-TO-DIGITAL CONVERTER
logo
ams AG
TSL2568 AMSCO-TSL2568_V01 Datasheet
948Kb / 55P
Light-to-Digital Converter
2016-Apr-12
More results




About ams AG


ams AG is a multinational company that designs and manufactures advanced sensor solutions and analog ICs (integrated circuits). The company was founded in 1981 in Austria and has its headquarters in Premstaetten, Austria.

ams AG's product portfolio includes sensors for applications such as mobile devices, automotive, industrial automation, medical, and smart homes. The company also provides ICs for power management, wireless connectivity, and audio processing.

In recent years, ams AG has expanded its business through acquisitions of companies such as TAOS Inc., Heptagon, and Osram Licht AG, which have strengthened the company's expertise in optical sensing and lighting technologies.

ams AG is listed on the SIX Swiss Exchange and has a global presence with offices and production sites in Europe, Asia, and the Americas.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com