Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25F512 Datasheet (PDF) - ATMEL Corporation

AT25F512 Datasheet PDF - ATMEL Corporation
Part # AT25F512
Download  AT25F512 Download
File Size   151.49 Kbytes
Page   17 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Serial Memory

AT25F512 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT25F512 Datasheet PDF - ATMEL Corporation

Part # AT25F512
Download  AT25F512 Click to download

File Size   151.49 Kbytes
Page   17 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description SPI Serial Memory

AT25F512 Datasheet (HTML) - ATMEL Corporation


AT25F512 Product details

Description

The AT25F512/1024 provides 524,288/1,048,576 bits of serial reprogrammable Flash memory organized as 65,536/131,072 words of 8 bits each. The device is optimized for use in many industrial and commercial applications where low-power and low-volt age operation are essential. The AT25F512/1024 is available in a space-saving 8-lead JEDEC SOIC and 8-lead SAP packages.



Features

• Serial Peripheral Interface (SPI) Compatible

• Supports SPI Modes 0 (0,0) and 3 (1,1)

• 20 MHz Clock Rate

• Byte Mode and 256-byte Page Mode for Program Operations

• Sector Architecture:

– Two Sectors with 32K Bytes Each (512K)

– Four Sectors with 32K Bytes Each (1M)

– 128 Pages per Sector

• Product Identification Mode

• Low-voltage Operation

– 2.7 (VCC= 2.7V to 3.6V)

• Sector Write Protection

• Write Protect (WP) Pin and Write Disable Instructions for both Hardware and Software Data Protection

• Self-timed Program Cycle (60 µs/Byte Typical)

• Self-timed Sector Erase Cycle (1 second/Sector Typical)

• Single Cycle Reprogramming (Erase and Program) for Status Register

• High Reliability

– Endurance: 10,000 Write Cycles Typical

• Lead-free Devices Available

• 8-lead JEDEC SOIC and 8-lead SAP Packages




Similar Part No. - AT25F512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F512 ATMEL-AT25F512 Datasheet
262Kb / 18P
SPI Serial Memory
AT25F512A ATMEL-AT25F512A Datasheet
47Kb / 4P
SPI EEPROM Product Qualification
AT25F512AN-10SH-2.7 ATMEL-AT25F512AN-10SH-2.7 Datasheet
622Kb / 19P
512Kbit High Speed SPI Serial Flash Memory
AT25F512AY4-10YH-2.7 ATMEL-AT25F512AY4-10YH-2.7 Datasheet
622Kb / 19P
512Kbit High Speed SPI Serial Flash Memory
AT25F512A ATMEL-AT25F512A_06 Datasheet
622Kb / 19P
512Kbit High Speed SPI Serial Flash Memory
More results


Similar Description - AT25F512

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25F2048 ATMEL-AT25F2048 Datasheet
257Kb / 17P
SPI Serial Memory 2M (262,144 x 8)
AT25F4096 ATMEL-AT25F4096 Datasheet
341Kb / 17P
SPI SERIAL MEMORY 4M
AT25F1024A ATMEL-AT25F1024A Datasheet
299Kb / 18P
SPI Serial Memory
AT25F512 ATMEL-AT25F512_04 Datasheet
262Kb / 18P
SPI Serial Memory
AT25F4096 ATMEL-AT25F4096_06 Datasheet
354Kb / 19P
4Mbit High Speed SPI Serial Flash Memory
AT25F512A ATMEL-AT25F512A_06 Datasheet
622Kb / 19P
512Kbit High Speed SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF041A ETC2-AT25DF041A_13 Datasheet
746Kb / 42P
Minimum SPI Serial Flash Memory
AT25DF081 ETC2-AT25DF081_13 Datasheet
967Kb / 38P
Minimum SPI Serial Flash Memory
AT25DF161 ETC2-AT25DF161_13 Datasheet
3Mb / 52P
Minimum SPI Serial Flash Memory
AT26DF081A ETC2-AT26DF081A_13 Datasheet
763Kb / 40P
Minimum SPI Serial Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com