Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E300E Datasheet (PDF) - List of Unclassifed Manufacturers

E300E Datasheet PDF - List of Unclassifed Manufacturers
Part # E300E
Download  E300E Download
File Size   313.58 Kbytes
Page   5 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description The SBE - Encapsulated, Copper Wound Series

E300E Datasheet (PDF)

Go To PDF Page Download Datasheet
E300E Datasheet PDF - List of Unclassifed Manufacturers

Part # E300E
Download  E300E Click to download

File Size   313.58 Kbytes
Page   5 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description The SBE - Encapsulated, Copper Wound Series

E300E Datasheet (HTML) - List of Unclassifed Manufacturers


E300E Product details

The SBE - Encapsulated, Copper Wound Series



The SBE Encapsulated industrial control transformers are epoxy encapsulated to seal the transformer windings against moisture, dirt and industrial contaminants. Extra deep, molded terminal barriers reduce the chance of electrical failure as the result of arcing or frayed lead wires. The rugged construction and proven reliability of the SBE design is uniquely suited for all industrial environments.



Features

• 50 - 1000 VA, 50/60 Hz – suitable for worldwide applications.

• Interleaved copper windings reduce I2R losses and maximize efficiency.

• 55°C Rise, 105°C insulation system to minimize heat

• Epoxy encapsulated to protect cores and coils against moisture, dirt, and other contaminants.

• Meets or exceeds NEMA Standard ST-1 and ANSI C89.1 for load inrush capability.

• Integrally molded, flame retardant (IEC 707/ISO Class 1210) Terminal Blocks provide greater terminal contact area and improved conductivity.

• Heavy gauge steel mounting plate

• Mounting dimensions are compatible with similar control transformers.

• Secondary fuse holders (FB2X) included for 13/32 x 1½ cartridges (fuses not included).

• Factory-installed fuse holders are available (See W, WA & WB options).

• Ten year limited warranty The SBE - Encapsulated, Copper Wound Series




Similar Part No. - E300E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E300 ETC2-E300 Datasheet
313Kb / 5P
Industrial Control Transformers
logo
General Cable Technolog...
E3000S GENERAL-E3000S Datasheet
74Kb / 1P
2C 22 SOLID BC FLEX FLEX Sound, Alarm & Security Cable
logo
Energizer
E300116200 ENERGIZER-E300116200 Datasheet
193Kb / 1P
Zinc-Manganese Dioxide No Added Mercury or Cadmium
E300116700 ENERGIZER-E300116700 Datasheet
3Mb / 1P
Zinc-Manganese Dioxide No added mercury or cadmium
E300129700 ENERGIZER-E300129700 Datasheet
2Mb / 1P
Zinc-manganese Dioxide No added mercury or cadmium
More results


Similar Description - E300E

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
S2080 MA-COM-S2080 Datasheet
45Kb / 2P
Moisture Effects on the Soldering of Plastic Encapsulated Devices
logo
Shoulder Electronics Li...
HDF860ES4 SHOULDER-HDF860ES4 Datasheet
169Kb / 8P
The tape shall be wound around the reel in the direction shown below
HDF866AS6 SHOULDER-HDF866AS6 Datasheet
169Kb / 8P
The tape shall be wound around the reel in the direction shown below
HDF915ANS6 SHOULDER-HDF915ANS6 Datasheet
178Kb / 8P
The tape shall be wound around the reel in the direction shown below
logo
Astec America, Inc
AEE ASTEC-AEE Datasheet
175Kb / 2P
Encapsulated
logo
Artesyn Technologies
ASA ARTESYN-ASA Datasheet
701Kb / 3P
Encapsulated
logo
TT Electronics.
HM31 TTELEC-HM31 Datasheet
1Mb / 1P
Encapsulated Encapsulated Encapsulated Current Sense Transformers
logo
PHOENIX CONTACT
2322676 PHOENIX-2322676 Datasheet
72Kb / 5P
Encapsulated socket strips on the module side
logo
Banner Engineering Corp...
WLA BANNER-WLA Datasheet
383Kb / 4P
WLA Series Encapsulated Work Light
logo
Littelfuse
DO-35 LITTELFUSE-DO-35 Datasheet
386Kb / 5P
Standard Series Glass Encapsulated Thermistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com