Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT27C4096 Datasheet (PDF) - ATMEL Corporation

AT27C4096 Datasheet PDF - ATMEL Corporation
Part # AT27C4096
Download  AT27C4096 Download
File Size   254.01 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-Megabit 256K x 16 OTP EPROM

AT27C4096 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT27C4096 Datasheet PDF - ATMEL Corporation

Part # AT27C4096
Download  AT27C4096 Click to download

File Size   254.01 Kbytes
Page   9 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 4-Megabit 256K x 16 OTP EPROM

AT27C4096 Datasheet (HTML) - ATMEL Corporation


AT27C4096 Product details

Description
The AT27C4096 is a low-power, high-performance 4,194,304-bit one-time programmable read only memory (OTP EPROM) organized 256K by 16 bits. It requires a single 5V power supply in normal read mode operation. Any word can be accessed in less than 55 ns, eliminating the need for speed-reducing WAIT states. The by-16 organization makes this part ideal for high-performance 16- and 32-bit microprocessor systems.In read mode, the AT27C4096 typically consumes 15 mA. Standby mode supply current is typically less than 10 µA.

Features
• Fast Read Access Time - 55 ns
• Low Power CMOS Operation
   – 100 µA Maximum Standby
   – 40 mA Maximum Active at 5 MHz
• JEDEC Standard Packages
   – 40-Lead 600 mil PDIP
   – 44-Lead PLCC
   – 40-Lead TSOP (10 mm x 14 mm)
• Direct Upgrade from 512K bit, 1M bit, and 2M bit (AT27C516, AT27C1024, and AT27C2048) EPROMs
• 5V ± 10% Power Supply
• High Reliability CMOS Technology
   – 2,000V ESD Protection
   – 200 mA Latchup Immunity
• Rapid™ Programming Algorithm - 50 µs/word (typical)
• CMOS and TTL Compatible Inputs and Outputs
• Integrated Product Identification Code
• Commercial and Industrial Temperature Ranges




Similar Part No. - AT27C4096

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C4096 ATMEL-AT27C4096 Datasheet
360Kb / 14P
4-Megabit (256K x 16) OTP EPROM
AT27C4096 ATMEL-AT27C4096 Datasheet
797Kb / 13P
Low-power CMOS operation
AT27C4096-55JI ATMEL-AT27C4096-55JI Datasheet
360Kb / 14P
4-Megabit (256K x 16) OTP EPROM
AT27C4096-55JU ATMEL-AT27C4096-55JU Datasheet
889Kb / 13P
256K (32K x 8) One-time Programmable, Read-only Memory
AT27C4096-55PI ATMEL-AT27C4096-55PI Datasheet
360Kb / 14P
4-Megabit (256K x 16) OTP EPROM
More results


Similar Description - AT27C4096

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27BV4096 ATMEL-AT27BV4096 Datasheet
223Kb / 9P
4 Megabit 256K x 16 Unregulated Battery-Voltage High Speed OTP CMOS EPROM
AT27C020 ATMEL-AT27C020 Datasheet
170Kb / 9P
2-Megabit 256K x 8 OTP EPROM
AT27C1024 ATMEL-AT27C1024 Datasheet
261Kb / 9P
1-Megabit 64K x 16 OTP EPROM
AT27C2048 ATMEL-AT27C2048 Datasheet
163Kb / 9P
2-Megabit 128K x 16 OTP EPROM
AT27C400 ATMEL-AT27C400 Datasheet
184Kb / 10P
4-Megabit 256K x 16 or 512K x 8 OTP EPROM
AT27LV020A ATMEL-AT27LV020A Datasheet
220Kb / 9P
2 Megabit 256K x 8 Low Voltage OTP EPROM
AT27C1024 ATMEL-AT27C1024_07 Datasheet
370Kb / 14P
1-Megabit (64K x 16) OTP EPROM
AT27C4096 ATMEL-AT27C4096_07 Datasheet
360Kb / 14P
4-Megabit (256K x 16) OTP EPROM
AT27LV020A ATMEL-AT27LV020A_07 Datasheet
377Kb / 15P
2-Megabit (256K x 8) Low Voltage OTP EPROM
AT27C020 ATMEL-AT27C020_07 Datasheet
373Kb / 14P
2-megabit (256K x 8) OTP EPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com