Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT27C516 Datasheet (PDF) - ATMEL Corporation

AT27C516 Datasheet PDF - ATMEL Corporation
Part # AT27C516
Download  AT27C516 Download
File Size   241.86 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 512K 32K x 16 OTP CMOS EPROM

AT27C516 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT27C516 Datasheet PDF - ATMEL Corporation

Part # AT27C516
Download  AT27C516 Click to download

File Size   241.86 Kbytes
Page   8 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 512K 32K x 16 OTP CMOS EPROM

AT27C516 Datasheet (HTML) - ATMEL Corporation


AT27C516 Product details

Description

The AT27C516 is a low-power, high performance 524,288 bit one-time programmable read only memory (OTP EPROM) organized 32K by 16 bits. It requires only one 5V power supply in normal read mode operation. Any word can be accessed in less than 45 ns, eliminating the need for speed reducing WAIT states. The by-16 organization make this part ideal for high-performance 16 and 32 bit microprocessor systems



Features

• Fast Read Access Time - 45 ns

• Low Power CMOS Operation

  100 µA max. Standby

  30 mA max. Active at 5 MHz

• JEDEC Standard Packages

   44-Lead PLCC

   40-Lead TSOP (10mm x 14mm)

• 5V ± 10% Power Supply

• High Reliability CMOS Technology

   2000V ESD Protection

   200 mA Latchup Immunity

• Rapid Programming Algorithm - 50 µs/word (typical)

• CMOS and TTL Compatible Inputs and Outputs

• Integrated Product Identification Code

• Commercial and Industrial Temperature Ranges




Similar Part No. - AT27C516

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C516 ATMEL-AT27C516 Datasheet
353Kb / 13P
512K (32K x 16) OTP EPROM
AT27C516 ATMEL-AT27C516 Datasheet
354Kb / 13P
Low Power CMOS Operation
AT27C516-45JI ATMEL-AT27C516-45JI Datasheet
353Kb / 13P
512K (32K x 16) OTP EPROM
AT27C516-45JU ATMEL-AT27C516-45JU Datasheet
353Kb / 13P
512K (32K x 16) OTP EPROM
AT27C516-45VI ATMEL-AT27C516-45VI Datasheet
353Kb / 13P
512K (32K x 16) OTP EPROM
More results


Similar Description - AT27C516

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R Datasheet
251Kb / 9P
256K 32K x 8 OTP CMOS EPROM
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
512K 64K x 8 OTP CMOS EPROM
AT27LV256A ATMEL-AT27LV256A Datasheet
221Kb / 9P
256K 32K x 8 Low Voltage OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
512K 64K x 8 Low Voltage OTP CMOS EPROM
logo
Holtek Semiconductor In...
HT27LC040 HOLTEK-HT27LC040 Datasheet
175Kb / 15P
CMOS 512K 8-Bit OTP EPROM
December 8, 2003
logo
Maxwell Technologies
27C1512T MAXWELL-27C1512T Datasheet
148Kb / 13P
512Kb (32K x 16-bit) OTP EPROM MCM
logo
ATMEL Corporation
AT27C256R ATMEL-AT27C256R_07 Datasheet
415Kb / 15P
256K (32K x 8) OTP EPROM
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
512K (64K x 8) OTP EPROM
AT27C516 ATMEL-AT27C516_08 Datasheet
353Kb / 13P
512K (32K x 16) OTP EPROM
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
4Mb (512K x 8) OTP, EPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com