Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT27C520 Datasheet (PDF) - ATMEL Corporation

AT27C520 Datasheet PDF - ATMEL Corporation
Part # AT27C520
Download  AT27C520 Download
File Size   126.06 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM

AT27C520 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT27C520 Datasheet PDF - ATMEL Corporation

Part # AT27C520
Download  AT27C520 Click to download

File Size   126.06 Kbytes
Page   10 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 512K 64K x 8 Multiplexed Addresses/ Outputs OTP EPROM

AT27C520 Datasheet (HTML) - ATMEL Corporation


AT27C520 Product details

Description

The AT27C520 is a low-power, high performance 524,288 bit one-time programmable read only memory (OTP EPROM) organized 64K by 8 bits. It incorporates latches for the 8 lower order address bits to multiplex with the 8 data bits. This minimizes system chip count, reduces cost, and simplifies the design of multiplexed bus systems. It requires only one 5V power supply in normal read mode operation. Any byte can be accessed in less than 70 ns, eliminating the need for speed reducing WAIT states on high performance microprocessor systems



Features

• 8-Bit Multiplexed Addresses/Outputs

• Fast Read Access Time - 70 ns

• Low Power CMOS Operation

  – 20 mA max. Active at 5 MHz

• 20-Lead TSSOP Package

• 20-Lead SOIC Package

• 28-Lead TSOP Package

• 5V ± 10% Supply

• High Reliability CMOS Technology

  – 2,000V ESD Protection

  – 200 mA Latchup Immunity

• Rapid™ Programming Algorithm - 50 µs/byte (typical)

• CMOS and TTL Compatible Inputs and Outputs

• Integrated Product Identification Code

• Commercial and Industrial Temperature Range




Similar Part No. - AT27C520

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
512K 64K x 8 OTP CMOS EPROM
AT27C512R ATMEL-AT27C512R Datasheet
406Kb / 15P
512K (64K x 8) OTP EPROM
AT27C512R-12 ATMEL-AT27C512R-12 Datasheet
249Kb / 9P
512K 64K x 8 OTP CMOS EPROM
AT27C512R-12JC ATMEL-AT27C512R-12JC Datasheet
249Kb / 9P
512K 64K x 8 OTP CMOS EPROM
AT27C512R-12JI ATMEL-AT27C512R-12JI Datasheet
249Kb / 9P
512K 64K x 8 OTP CMOS EPROM
More results


Similar Description - AT27C520

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R Datasheet
249Kb / 9P
512K 64K x 8 OTP CMOS EPROM
AT27LV512A ATMEL-AT27LV512A Datasheet
220Kb / 9P
512K 64K x 8 Low Voltage OTP CMOS EPROM
AT27LV520 ATMEL-AT27LV520 Datasheet
129Kb / 10P
512K 64K x 8 Multiplexed Addresses/ Outputs Low Voltage OTP EPROM
logo
Hitachi Semiconductor
HN27512 HITACHI-HN27512 Datasheet
302Kb / 7P
512K (64K X 8 BIT ) UV AND OTP EPROM
logo
Maxwell Technologies
27C512T MAXWELL-27C512T Datasheet
139Kb / 15P
512K (64K x 8-Bit) OTP EPROM
logo
Microchip Technology
27C512A MICROCHIP-27C512A_04 Datasheet
133Kb / 10P
512K (64K x 8) CMOS EPROM
2004
logo
ATMEL Corporation
AT27C512R ATMEL-AT27C512R_07 Datasheet
406Kb / 15P
512K (64K x 8) OTP EPROM
AT27LV512A ATMEL-AT27LV512A_07 Datasheet
400Kb / 15P
512K (64K x 8) Low Voltage OTP EPROM
AT27C040-90PU ATMEL-AT27C040-90PU Datasheet
548Kb / 13P
4Mb (512K x 8) OTP, EPROM
logo
AMIC Technology
A276308 AMICC-A276308 Datasheet
127Kb / 15P
64K X 8 OTP CMOS EPROM
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com