Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VI-200 Datasheet (PDF) - Vicor Corporation

VI-200 Datasheet PDF - Vicor Corporation
Part # VI-200
Download  VI-200 Download
File Size   311.86 Kbytes
Page   6 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Remote sense and current limit

VI-200 Datasheet (PDF)

Go To PDF Page Download Datasheet
VI-200 Datasheet PDF - Vicor Corporation

Part # VI-200
Download  VI-200 Click to download

File Size   311.86 Kbytes
Page   6 Pages
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation
Description Remote sense and current limit

VI-200 Datasheet (HTML) - Vicor Corporation


VI-200 Product details

Product Highlights
The VI-200 family, with over 14 million units shipped, is Vicor’s broad series of “zero-current-switching” component-level DC-DC converters.
Operating at frequencies up to 2 MHz, VI-200 family converters offer exceptional power density, efficiency, noise performance, reliability and ease of use. Booster modules (VI-Bxx) provide a simple, cost-effective, off-the-shelf solution for higher power output requirements. One or more boosters may be used to create synchronous arrays capable of supplying several kilowatts of output power.
The flexibility of Vicor’s power components is also available in half-size, half-power VI-J00 MiniMods.

Features
• RoHS compliant (VE-200)
• Up to 50 W/in3
• cULus, cTÜVus
• Up to 90% efficiency
• Size: 4.6" x 2.4" x 0.5" (116,8 x 61,0 x 12,7mm)
• Remote sense and current limit
• OVP, thermal shutdown
• Logic disable
• Wide range output adjust
• Compatible power booster modules
• ZCS power architecture
• Low noise FM control
• CE Marked
• Isolated output




Similar Part No. - VI-200

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VI-200 VICOR-VI-200 Datasheet
37Kb / 2P
DC-DC Converters 50 to 200 Watts
VI-200 VICOR-VI-200 Datasheet
762Kb / 5P
DC-DC Converters 50 to 200 Watts
VI-200 VICOR-VI-200 Datasheet
203Kb / 5P
The VI-200 family, with over 14 million units shipped, is Vicor?셲 broad series of ?쐚ero-current-switching??component-level DC-DC converters.
VI-200 VICOR-VI-200 Datasheet
203Kb / 5P
The VI-200 family, with over 14 million units shipped, is Vicor?셲 broad series of ?쐚ero-current-switching??component-level DC-DC converters.
VI-200 VICOR-VI-200 Datasheet
203Kb / 5P
The VI-200 family, with over 14 million units shipped, is Vicor?셲 broad series of ?쐚ero-current-switching??component-level DC-DC converters.
More results


Similar Description - VI-200

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16913 MAXIM-MAX16913 Datasheet
134Kb / 10P
Remote Antenna Current-Sense Amplifier and Switches
Rev 0; 7/08
MAX16948 MAXIM-MAX16948 Datasheet
2Mb / 15P
Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 1; 4/12
MAX16946 MAXIM-MAX16946 Datasheet
2Mb / 21P
Remote Antenna, Current-Sense and LDO/Switches
Rev 1 6/13
MAX16948 MAXIM-MAX16948_13 Datasheet
698Kb / 15P
Automotive Dual Remote Antenna Current-Sense LDO/Switch
Rev 2; 5/13
logo
Vicor Corporation
VI-213-EU VICOR-VI-213-EU Datasheet
203Kb / 5P
Remote sense and current limit
VI-J00-CY VICOR-VI-J00-CY Datasheet
189Kb / 5P
Remote sense and current limit
logo
Astec America, Inc
AEH10 ASTEC-AEH10 Datasheet
464Kb / 2P
Remote sense compensation
logo
Bel Fuse Inc.
ABC201 BEL-ABC201 Datasheet
881Kb / 6P
Remote Sense
logo
Maxim Integrated Produc...
MAX16913 MAXIM-MAX16913_V01 Datasheet
1Mb / 12P
Remote Antenna Current-Sense Amplifier and Switches
2015
MAX16946 MAXIM-MAX16946_V01 Datasheet
1Mb / 20P
Remote Antenna, Current-Sense and LDO/Switches
2014
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com