Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT28HC256 Datasheet (PDF) - ATMEL Corporation

AT28HC256 Datasheet PDF - ATMEL Corporation
Part # AT28HC256
Download  AT28HC256 Download
File Size   445.53 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 256 32K x 8 High Speed Parallel EEPROMs

AT28HC256 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT28HC256 Datasheet PDF - ATMEL Corporation

Part # AT28HC256
Download  AT28HC256 Click to download

File Size   445.53 Kbytes
Page   12 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 256 32K x 8 High Speed Parallel EEPROMs

AT28HC256 Datasheet (HTML) - ATMEL Corporation


AT28HC256 Product details

Description
The AT28HC256 is a high-performance electrically erasable and programmable read only memory. Its 256K of memory is organized as 32,768 words by 8 bits. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the AT28HC256 offers access times to 70 ns with power dissipation of just 440 mW. When the AT28HC256 is deselected, the standby current is less than 5 mA.

Features
• Fast Read Access Time – 70 ns
• Automatic Page Write Operation
   – Internal Address and Data Latches for 64 Bytes
   – Internal Control Timer
• Fast Write Cycle Times
   – Page Write Cycle Time: 3 ms or 10 ms Maximum
   – 1 to 64-byte Page Write Operation
• Low Power Dissipation
   – 80 mA Active Current
   – 3 mA Standby Current
• Hardware and Software Data Protection
• DATA Polling for End of Write Detection
• High Reliability CMOS Technology
   – Endurance: 104 or 105 Cycles
   – Data Retention: 10 Years
• Single 5V ± 10% Supply
• CMOS and TTL Compatible Inputs and Outputs
• JEDEC Approved Byte-wide Pinout
• Full Military, Commercial, and Industrial Temperature Ranges
• Green (Pb/Halide-free) Packaging Option




Similar Part No. - AT28HC256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC256 ATMEL-AT28HC256 Datasheet
728Kb / 12P
256 32K x 8 High Speed CMOS E2PROM
AT28HC256-12 ATMEL-AT28HC256-12 Datasheet
728Kb / 12P
256 32K x 8 High Speed CMOS E2PROM
AT28HC256-12DM/883 ATMEL-AT28HC256-12DM/883 Datasheet
728Kb / 12P
256 32K x 8 High Speed CMOS E2PROM
AT28HC256-12FM/883 ATMEL-AT28HC256-12FM/883 Datasheet
728Kb / 12P
256 32K x 8 High Speed CMOS E2PROM
AT28HC256-12JC ATMEL-AT28HC256-12JC Datasheet
728Kb / 12P
256 32K x 8 High Speed CMOS E2PROM
More results


Similar Description - AT28HC256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT28HC256 ATMEL-AT28HC256 Datasheet
728Kb / 12P
256 32K x 8 High Speed CMOS E2PROM
AT28BV256 ATMEL-AT28BV256 Datasheet
251Kb / 16P
256K (32K x 8) Battery-Voltage Parallel EEPROMs
AT16C16 ATMEL-AT16C16 Datasheet
176Kb / 12P
16K (2K x 8) Parallel EEPROMs
AT28HC256N ATMEL-AT28HC256N Datasheet
230Kb / 13P
256 (32K x 8) High-speed Parallel EEPROM
logo
Cypress Semiconductor
CY14E256L CYPRESS-CY14E256L Datasheet
799Kb / 16P
256-Kbit (32K x 8) nvSRAM
logo
ATMEL Corporation
AT28BV256 ATMEL-AT28BV256 Datasheet
307Kb / 18P
256K (32K x 8) Battery-Voltage Parallel EEPROMs
logo
Cypress Semiconductor
CY14E256L CYPRESS-CY14E256L_09 Datasheet
1Mb / 18P
256 Kbit (32K x 8) nvSRAM
logo
ATMEL Corporation
AT28BV256 ATMEL-AT28BV256_09 Datasheet
301Kb / 17P
256K (32K x 8) Battery-Voltage Parallel EEPROMs
logo
Cypress Semiconductor
CY14B256LA CYPRESS-CY14B256LA Datasheet
648Kb / 21P
256 Kbit (32K x 8) nvSRAM
logo
ATMEL Corporation
AT28HC256 ATMEL-AT28HC256_08 Datasheet
448Kb / 16P
256 (32K x 8) High Speed Parallel Parallel
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com